Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9001 Datasheet(PDF) 13 Page - Interpion semiconductor

Part # IP9001
Description  4-CH MOTOR DRIVE IC FOR PORTABLE CDP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9001 Datasheet(HTML) 13 Page - Interpion semiconductor

Back Button IP9001 Datasheet HTML 9Page - Interpion semiconductor IP9001 Datasheet HTML 10Page - Interpion semiconductor IP9001 Datasheet HTML 11Page - Interpion semiconductor IP9001 Datasheet HTML 12Page - Interpion semiconductor IP9001 Datasheet HTML 13Page - Interpion semiconductor IP9001 Datasheet HTML 14Page - Interpion semiconductor IP9001 Datasheet HTML 15Page - Interpion semiconductor IP9001 Datasheet HTML 16Page - Interpion semiconductor IP9001 Datasheet HTML 17Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
IP9001
4-CH MOTOR DRIVE IC FOR PORTABLE CDP
September. 2003 (Rev.0)
- 13 -
www.interpionsemi.com
APPLICATION SUMMARY (Continued)
- Voltage gain of each channel
4-CH input resistances are as follows,
CH1, CH3, CH4 : 11K ohm
CH2
: 7.5K ohm
So, the voltage gain is calculated as following equation.
55
134
20 log ||
11
K
GV
RK
=
+
110
2
20 log ||
7.5
K
GV
RK
=
+
* R is an external resistor which is connected to input pins (pin17,18,20,22)
- Power supply voltage
IP9001 has two kinds of power supply pins. One is power supply for output stage(pin36), the others are
signal power supply for pre driver(pin12, pin15). All power supply pins should be attached by-pass capacitor
with each other.
- Output voltage
IP9001 has internal buck/boost control circuit and the output voltage is calculated as follows,
Figure1. output voltage set up method
13
13
1
(1)
24
24
RR
RR
V C C
V ref
RR
RR
×
+
=
×+
×
+
* vref =1.2V
* R1 : External resistor
* R2 : External resistor
* R3 : 35K ohm
* R4 : 21K ohm
3
35
1
(1
)
1.2 (1
)
3.2
4
21
RK
VCC default
VrefV
RK
=
× +
=
× +=
If there is no external resistor,
Then default VCC1 value is as follows,
2. DC/DC converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com