Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9001 Datasheet(PDF) 14 Page - Interpion semiconductor

Part # IP9001
Description  4-CH MOTOR DRIVE IC FOR PORTABLE CDP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9001 Datasheet(HTML) 14 Page - Interpion semiconductor

Back Button IP9001 Datasheet HTML 10Page - Interpion semiconductor IP9001 Datasheet HTML 11Page - Interpion semiconductor IP9001 Datasheet HTML 12Page - Interpion semiconductor IP9001 Datasheet HTML 13Page - Interpion semiconductor IP9001 Datasheet HTML 14Page - Interpion semiconductor IP9001 Datasheet HTML 15Page - Interpion semiconductor IP9001 Datasheet HTML 16Page - Interpion semiconductor IP9001 Datasheet HTML 17Page - Interpion semiconductor IP9001 Datasheet HTML 18Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
IP9001
4-CH MOTOR DRIVE IC FOR PORTABLE CDP
September. 2003 (Rev.0)
- 14 -
www.interpionsemi.com
APPLICATION SUMMARY (Continued)
- Short circuit protection
When the output voltage of error amp holds
“H” status, then IP9001 starts charging to “CSPRT” with
constant current
“ISPRT”.
If the voltage of the CSPRT rises above 1.2V, then the DC/DC converter circuit is disabled.
Disable time is dependent on the external capacitor
“CSPRT” , Threshold voltage “VTH”, and internal
constant current source
“ISPRT”.
* VTH=1.2V, ISPRT=10uA
( se c)
V TH
t
C S PRT
I S PRT
=×
- Soft start circuit
IP9001 accomplishes soft-start-function by attaching external capacitor between DEAD pin and GND.
Maximum duty can be changed by adding external resistor to DEAD pin (pin 4).
(
int
Re
)(sec)
t
C DEAD
R
xt
=
×+
* Rint=65K ohm, Rext=external resistor
- Power off function
When the input voltage of OFF(pin40) is low, then IP9001 starts charging to
“CSPRT” with
constant current
“IOFF”.
If the voltage of the CSPRT rises above 1.2V, then the DC/DC converter circuit is disabled.
Disable time is dependent on the external capacitor
“CSPRT” , Threshold voltage “VTH”,
and internal constant current source
“IOFF”.
* VTH=1.2V, IOFF=20uA
( s e c)
VTH
t
C S P RT
I O FF
=×
- Over voltage protection
When the sensing voltage of SENS(pin1) is above 8.4V, then IP9001 starts charging to
“CSPRT” with
constant current
“IHV”.
If the voltage of the CSPRT rises above 1.2V, then the DC/DC converter circuit is disabled.
Disable time is dependent on the external capacitor
“CSPRT” , Threshold voltage “VTH”,
and internal constant current source
“IHV”.
* VTH=1.2V, IOFF=20uA
( s ec)
V TH
t
C S P RT
I HV
=×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com