Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9001 Datasheet(PDF) 15 Page - Interpion semiconductor

Part # IP9001
Description  4-CH MOTOR DRIVE IC FOR PORTABLE CDP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9001 Datasheet(HTML) 15 Page - Interpion semiconductor

Back Button IP9001 Datasheet HTML 11Page - Interpion semiconductor IP9001 Datasheet HTML 12Page - Interpion semiconductor IP9001 Datasheet HTML 13Page - Interpion semiconductor IP9001 Datasheet HTML 14Page - Interpion semiconductor IP9001 Datasheet HTML 15Page - Interpion semiconductor IP9001 Datasheet HTML 16Page - Interpion semiconductor IP9001 Datasheet HTML 17Page - Interpion semiconductor IP9001 Datasheet HTML 18Page - Interpion semiconductor IP9001 Datasheet HTML 19Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
IP9001
4-CH MOTOR DRIVE IC FOR PORTABLE CDP
September. 2003 (Rev.0)
- 15 -
www.interpionsemi.com
APPLICATION SUMMARY (Continued)
Power supply driving circuit detects a maximum output voltage among the 4-CH output pins, and then
control external PNP TR to reduce the power consumption.
This buck converter consists of external PNP TR, Schottky barrier diode, Inductor, and capacitors.
When the sensing voltage of SENS(pin1) falls below detecting voltage, then EMP(pin35) goes from High
level to low level. The detector voltage has 50mV hysteresis.
According to the SEL(pin42) voltage level, the detector voltage varies as following table,
3. PWM power supply driving circuit
Figure2. PWM power supply driving circuit
4. Empty detector circuit
SEL
Detector voltage
Return voltage
LOW
2.2V typ
2.25V typ
High-impedance
1.8V typ
1.85V typ
Table4. EMP detector voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com