Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9001 Datasheet(PDF) 16 Page - Interpion semiconductor

Part # IP9001
Description  4-CH MOTOR DRIVE IC FOR PORTABLE CDP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9001 Datasheet(HTML) 16 Page - Interpion semiconductor

Back Button IP9001 Datasheet HTML 12Page - Interpion semiconductor IP9001 Datasheet HTML 13Page - Interpion semiconductor IP9001 Datasheet HTML 14Page - Interpion semiconductor IP9001 Datasheet HTML 15Page - Interpion semiconductor IP9001 Datasheet HTML 16Page - Interpion semiconductor IP9001 Datasheet HTML 17Page - Interpion semiconductor IP9001 Datasheet HTML 18Page - Interpion semiconductor IP9001 Datasheet HTML 19Page - Interpion semiconductor IP9001 Datasheet HTML 20Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
IP9001
4-CH MOTOR DRIVE IC FOR PORTABLE CDP
September. 2003 (Rev.0)
- 16 -
www.interpionsemi.com
APPLICATION SUMMARY (Continued)
When the output voltage of the DC/DC converter reaches 90% of the VCC1,
then RESET goes from LOW to HIGH level and AMUTE goes from HIGH to LOW level.
Hysteresis voltage of each pin is 50mV
5. Reset circuit
6. Charging circuit
Figure3. RESET & AMUTE
IP9001 has a charging circuit and it is independent from any other circuit.
Its power supply pin is CHGVCC which is directly connected to adapter.
Battery charging current is controlled by changing RCHG (between RCHG(pin33) and GND).
It also has an independent TSD circuit which has shut down temperature of 175
OC and the hysteresis
temperature is 25
OC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com