Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9001 Datasheet(PDF) 8 Page - Interpion semiconductor

Part # IP9001
Description  4-CH MOTOR DRIVE IC FOR PORTABLE CDP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9001 Datasheet(HTML) 8 Page - Interpion semiconductor

Back Button IP9001 Datasheet HTML 4Page - Interpion semiconductor IP9001 Datasheet HTML 5Page - Interpion semiconductor IP9001 Datasheet HTML 6Page - Interpion semiconductor IP9001 Datasheet HTML 7Page - Interpion semiconductor IP9001 Datasheet HTML 8Page - Interpion semiconductor IP9001 Datasheet HTML 9Page - Interpion semiconductor IP9001 Datasheet HTML 10Page - Interpion semiconductor IP9001 Datasheet HTML 11Page - Interpion semiconductor IP9001 Datasheet HTML 12Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
IP9001
4-CH MOTOR DRIVE IC FOR PORTABLE CDP
September. 2003 (Rev.0)
- 8 -
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS - - - continued
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
[ DC/DC CONVERTER PART - - - Transistor drive ]
DRV output
high level voltage1
VDRHS
VBAT=CT=1.5V
VCC1=VCC2=0V,
IO=-2mA at start
0.78
0.98
1.13
V
DRV output
high level voltage2
VDRH
CT=0V,ERRI=0.7V,
IO=-10mA ,SCP=0V
1.0
1.50
-
DRV output
low level voltage2
VDRL
CT=2V,IO=10mA
-
0.3
0.45
DRV oscillator frequency1
fDR1
CT=470pF,
VCC1=VCC2=OV,
at start
65
80
95
KHz
DRV oscillator frequency2
fDR2
CT=470pF,CLK=0V
60
70
82
DRV oscillator frequency3
fDR3
CT=470pF,
-
88.2
-
DRV oscillator
minimum pulse width
TMIN
CT=470pF,
EAMPO=0.7 ~ 0.5 sweep
0.01
-
0.6
usec
Pulse duty at start
DDR1
CT=470pF,
VCC1=VCC2=OV
40
50
60
%
Maximum duty at free run
DDR2
EAMPI=0.7V,CT=470pF,CL
K=0V
70
80
90
Maximum duty with
synchronized clock
DDR3
EAMPI=0.7V,CT=470pF
65
75
85
[ DC/DC CONVERTER PART - - - Interface ]
OFF threshold voltage
VSTPTH
EAMPI=1.3V
-
-
1.2
OFF bias current
ISTP
OFF=0V
75
95
115
START on voltage
VSTRTON
VCC1=VCC2=0V, CT=2V
-
-
1.4
V
START off voltage
VSTRTOFF
VCC1=VCC2=0V, CT=2V
2.1
-
-
V
START bias current
IBSTRT
START=0V
-
16
-
uA
CLK on voltage
VCLKON
-
2.0
-
-
V
CLK off voltage
VCLKOFF
-
-
-
0.8
V
CLK bias current
ICLK
CLK=3.2V
-
-
10
uA
V
uA
(Ta = 25
OC, VCC1=VCC2=3.2V, VBAT=2.4V, VREF=1.6V,
VCHG=0V, fclk=88.2KHz unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com