Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9001 Datasheet(PDF) 4 Page - Interpion semiconductor

Part # IP9001
Description  4-CH MOTOR DRIVE IC FOR PORTABLE CDP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9001 Datasheet(HTML) 4 Page - Interpion semiconductor

  IP9001 Datasheet HTML 1Page - Interpion semiconductor IP9001 Datasheet HTML 2Page - Interpion semiconductor IP9001 Datasheet HTML 3Page - Interpion semiconductor IP9001 Datasheet HTML 4Page - Interpion semiconductor IP9001 Datasheet HTML 5Page - Interpion semiconductor IP9001 Datasheet HTML 6Page - Interpion semiconductor IP9001 Datasheet HTML 7Page - Interpion semiconductor IP9001 Datasheet HTML 8Page - Interpion semiconductor IP9001 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
IP9001
4-CH MOTOR DRIVE IC FOR PORTABLE CDP
September. 2003 (Rev.0)
- 4 -
www.interpionsemi.com
PIN DESCRIPTIONS
NO
SYMBOL
I/O
DESCRIPTION
1
SENS
I
BATTERY SENSE
2
VBAT
-
BATTERY
3
RESET
O
RESET OUTPUT
4
DEAD
I
DEAD TIME SETTING
5
DRV
O
TRANSISTOR DRIVE
6
EAMPO
O
ERROR AMP OUTPUT
7
EAMPI
I
ERROR AMP INPUT
8
SPRT
I
SHORT CIRCUIT
PROTECTION SETTING
9
CT
I
TRIANGULAR WAVE
OUTPUT
10
N/C
-
NO CONNECTION
11
OPIN-
I
OPAMP INPUT (-)
12
VCC1
-
POWER SUPPLY1
13
OPOUT
O
OPAMP OUTPUT
14
OPIN+
I
OPAMP INPUT (+)
15
VCC2
-
POWER SUPPLY2
16
VREF
I
REFERENCE VOLTAGE
17
IN3
I
CH3 INPUT
18
IN4
I
CH4 INPUT
19
MUTE34
I
MUTE FOR CH3, 4
20
IN2
I
CH2 INPUT
21
MUTE2
I
MUTE FOR CH2
22
IN1
I
CH1 INPUT
NO
SYMBOL
I/O
DESCRIPTION
23
BRAKE1
I
BRAKE FOR CH1
24
VO4R
O
CH4 REVERSE OUTPUT
25
VO4F
O
CH4 FORWARD OUTPUT
26
VO3R
O
CH3 REVERSE OUTPUT
27
VO3F
O
CH3 FORWARD OUTPUT
28
PGND
-
POWER GROUND
29
VO2F
O
CH2 FORWARD OUTPUT
30
VO2R
O
CH2 REVERSE OUTPUT
31
VO1F
O
CH1 FORWARD OUTPUT
32
VO1R
O
CH1 REVERSE OUTPUT
33
RCHG
I
CHARGE CURRENT
SETTING
34
AMUTE
O
RESET INVERTING
OUTPUT
35
EMP
O
EMPTY DETECTION
OUTPUT
36
PVCC
-
H-BRIDGE POWER
SUPPLY
37
PSW
O
PWM TRANSISTOR
DRIVE
38
CLK
I
EXTERNAL CLOCK
INPUT
39
START
I
DC/DC CONVERTER
START
40
OFF
I
DC/DC CONVERTER
OFF
41
VCHG
-
CHARGER CIRCUIT
POWER SUPPLY
42
SEL
I
EMPTY DETECTION
LEVEL SET
43
SGND
-
SIGNAL GROUND
44
PSWR
I
PWM ERROR
CONPENSATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com