Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9001 Datasheet(PDF) 11 Page - Interpion semiconductor

Part # IP9001
Description  4-CH MOTOR DRIVE IC FOR PORTABLE CDP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9001 Datasheet(HTML) 11 Page - Interpion semiconductor

Back Button IP9001 Datasheet HTML 7Page - Interpion semiconductor IP9001 Datasheet HTML 8Page - Interpion semiconductor IP9001 Datasheet HTML 9Page - Interpion semiconductor IP9001 Datasheet HTML 10Page - Interpion semiconductor IP9001 Datasheet HTML 11Page - Interpion semiconductor IP9001 Datasheet HTML 12Page - Interpion semiconductor IP9001 Datasheet HTML 13Page - Interpion semiconductor IP9001 Datasheet HTML 14Page - Interpion semiconductor IP9001 Datasheet HTML 15Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
IP9001
4-CH MOTOR DRIVE IC FOR PORTABLE CDP
September. 2003 (Rev.0)
- 11 -
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS - - - continued
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
[ BATTERY CHARGING PART ]
RCHG bias voltage
VRCHG
VCHG=4.5V,
RCHG=1.8K ohm
0.71
0.81
0.91
V
RCHG output resistance
RRCHG
VCHG=4.5V,
RCHG=0.5 and 0.6V
0.75
0.95
1.20
K ohm
SEL leakage current1
ISELLEAK1
VCHG=4.5V,
RCHG=OPEN
-
-
1.0
SEL leakage current2
ISELLEAK2
VCHG=0.6V,
RCHG=1.8K ohm
-
-
1.0
SEL saturation voltage
VSELSAT
VCHG=4.5V,
IO=300mA, RCHG=0 ohm
-
0.45
1.0
V
uA
(Ta = 25
OC, VCC1=VCC2=3.2V, VBAT=2.4V, VREF=1.6V,
VCHG=0V, fclk=88.2KHz unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com