Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9001 Datasheet(PDF) 6 Page - Interpion semiconductor

Part # IP9001
Description  4-CH MOTOR DRIVE IC FOR PORTABLE CDP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9001 Datasheet(HTML) 6 Page - Interpion semiconductor

Back Button IP9001 Datasheet HTML 2Page - Interpion semiconductor IP9001 Datasheet HTML 3Page - Interpion semiconductor IP9001 Datasheet HTML 4Page - Interpion semiconductor IP9001 Datasheet HTML 5Page - Interpion semiconductor IP9001 Datasheet HTML 6Page - Interpion semiconductor IP9001 Datasheet HTML 7Page - Interpion semiconductor IP9001 Datasheet HTML 8Page - Interpion semiconductor IP9001 Datasheet HTML 9Page - Interpion semiconductor IP9001 Datasheet HTML 10Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
IP9001
4-CH MOTOR DRIVE IC FOR PORTABLE CDP
September. 2003 (Rev.0)
- 6 -
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYM-
BOL
CONDITIONS
MIN
TYP
MAX
UNIT
VBAT standby current
IST
VBAT=9V,VCC1,2=VREF=0V
-
0
3
uA
VBAT no-load
power supply current
IBAT
PVCC=0.45V,MUTE34=3.2V
-
-
4.5
mA
VCC1 no-load power
supply current
ICC1
PVCC=0.45V,MUTE34=3.2V,E
RRI=0V
-
-
6.5
mA
VCC2 no-load power
supply current
ICC2
PVCC=0.45V,MUTE34=3.2V
-
-
5.5
mA
VCHG no-load power
supply current
IVCHG
VCHG=4.5V, ROUT=OPEN
-
-
2.0
mA
[ BTL DRIVE PART ]
CH1,3,4 Closed-loop
voltage gain
GV134
-
12
14
16
DB
CH2 Closed-loop
voltage gain
GV2
-
21.5
23.5
24.5
Voltage gain difference
GVC
-
-2
0
2
CH1,3,4 input resistance
RI134
IN=1.7v & 1.8v
-
11
-
K ohm
CH2 input resistance
RI2
-
7.5
-
Maximum output voltage
VOM
RL=8ohm,
VCC1=VCC2=3.8V,PVCC=2.9V
,VREF=1.9V,IN=0 & 3.8V
2.1
2.4
-
V
CH1,3,4 output offset
voltage
VOO134
VREF=IN=1.6V
-50
0
50
mV
CH2 output offset voltage
VOO2
-130
0
130
Dead band width
VDB
-
-10
0
10
CH1 brake on voltage
VBRKON IN1=1.8V
2.0
-
-
V
CH1 brake off voltage
VBRKOFF IN1=1.8V
-
-
0.8
V
BRAKE 1 VBAT current
IBRKBAT
-
4
7
10
mA
(Ta = 25
OC, VCC1=VCC2=3.2V, VBAT=2.4V, VREF=1.6V,
VCHG=0V, fclk=88.2KHz unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com