Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP9001 Datasheet(PDF) 12 Page - Interpion semiconductor

Part # IP9001
Description  4-CH MOTOR DRIVE IC FOR PORTABLE CDP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9001 Datasheet(HTML) 12 Page - Interpion semiconductor

Back Button IP9001 Datasheet HTML 8Page - Interpion semiconductor IP9001 Datasheet HTML 9Page - Interpion semiconductor IP9001 Datasheet HTML 10Page - Interpion semiconductor IP9001 Datasheet HTML 11Page - Interpion semiconductor IP9001 Datasheet HTML 12Page - Interpion semiconductor IP9001 Datasheet HTML 13Page - Interpion semiconductor IP9001 Datasheet HTML 14Page - Interpion semiconductor IP9001 Datasheet HTML 15Page - Interpion semiconductor IP9001 Datasheet HTML 16Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
IP9001
4-CH MOTOR DRIVE IC FOR PORTABLE CDP
September. 2003 (Rev.0)
- 12 -
www.interpionsemi.com
APPLICATION SUMMARY
MUTE34(pin19)
HIGH
CH3,CH4
normal operation
LOW
CH3,CH4 shut down
MUTE2(pin21)
CH2 shut down
CH2 normal operation
BRAKE1(pin23)
CH1 shut down
CH1 normal operation
Table2. Reference all mute
- Mute function using the MUTE and BRAKE pin (Channel mute)
Mute function for each channels can be obtained using the MUTE pin (pin19,pin21) and BRAKE pin (pin23).
* When the voltage of the pin19 becomes low , the bias currents for CH3,CH4 are shut down and those
corresponding channels are muted. On the contrary, when the voltage of the pin19 becomes high, the channel
drivers operate normally.
* When the voltage of the pin21,23 become high , the bias currents for CH1,CH2 are shut down and those
corresponding channels are muted. On the contrary, when the voltage of the pin21,23 become low, the channel
drivers operate normally.
- All mute function using the REF pin (Reference all mute)
Muting all channel drivers can be obtained using the REF (signal reference) pin.
* When the input voltage of the signal reference pin (pin16) is below 1.0V, the bias currents of all channel
drivers are shut down.
VREF(Pin16)
Above 1.0V
CH1,CH2,CH3,CH4 normal operation
Below 1.0V
CH1,CH2,CH3,CH4 shut down
Table1. Channel mute & brake
- Thermal shutdown (TSD)
The IP9001 has a thermal protection.
If the chip temperature rises above 175
OC, then the main bias current will be shut down by the protection
circuit. The hysteresis temperature is 25
OC
Temperature
All channel mute
Above 175
OC
on
Falls below 150
OC
off
Hysteresis
25
OC
Table3. Thermal shut down
1. BTL driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com