Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF040C Datasheet(PDF) 31 Page - Microchip Technology

Part # SST25PF040C
Description  4-Mbit, 3.3V, SPI Serial Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C Datasheet(HTML) 31 Page - Microchip Technology

Back Button SST25PF040C Datasheet HTML 27Page - Microchip Technology SST25PF040C Datasheet HTML 28Page - Microchip Technology SST25PF040C Datasheet HTML 29Page - Microchip Technology SST25PF040C Datasheet HTML 30Page - Microchip Technology SST25PF040C Datasheet HTML 31Page - Microchip Technology SST25PF040C Datasheet HTML 32Page - Microchip Technology SST25PF040C Datasheet HTML 33Page - Microchip Technology SST25PF040C Datasheet HTML 34Page - Microchip Technology SST25PF040C Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
 2015-2022 Microchip Technology Inc. and its subsidiaries
DS20005397F-page 31
SST25PF040C
FIGURE 6-11:
WRITE STATUS REGISTER (WRSR) FLOW CHART
06H
Yes
No
Start
01H
Data
05H
Start Write on rising
edge of CE#
(Bit 0) = ‘
0’?
End Write
STATUS Register
Write Enable
Write STATUS Register
Sequence
STATUS Register
Read command
Check Write
Completion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com