Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF040C Datasheet(PDF) 44 Page - Microchip Technology

Part # SST25PF040C
Description  4-Mbit, 3.3V, SPI Serial Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C Datasheet(HTML) 44 Page - Microchip Technology

Back Button SST25PF040C Datasheet HTML 39Page - Microchip Technology SST25PF040C Datasheet HTML 40Page - Microchip Technology SST25PF040C Datasheet HTML 41Page - Microchip Technology SST25PF040C Datasheet HTML 42Page - Microchip Technology SST25PF040C Datasheet HTML 43Page - Microchip Technology SST25PF040C Datasheet HTML 44Page - Microchip Technology SST25PF040C Datasheet HTML 45Page - Microchip Technology SST25PF040C Datasheet HTML 46Page - Microchip Technology SST25PF040C Datasheet HTML 47Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
DS20005397F-page 4
4
 2015-2022 Microchip Technology Inc. and its subsidiaries
SST25PF040C
PRODUCT IDENTIFICATION SYSTEM (NON-AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
XXX
XX
Endurance/
Operating
Device
Device:
SST25PF040C
= 4-Mbit, 2.3V-3.6V, Serial Flash Memory
Tape and
Reel Flag:
T
= Tape and Reel(1)
Operating
Frequency:
40
= 40 MHz
Temperature: I
= -40°C to +85°C
V
= -40°C to +105°C
E
= -40°C to +125°C
Package:
SN
= SOIC (3.90 mm Body), 8-lead
MF
= WDFN (5mm x 6mm Body), 8-contact
NP
= USON (2mm x 3mm Body), 8-contact
Valid Combinations:
SST25PF040C-40I/SN
SST25PF040CT-40I/SN
SST25PF040C-40I/MF
SST25PF040CT-40I/MF
SST25PF040CT-40I/NP
SST25PF040C-40V/SN
SST25PF040CT-40V/SN
SST25PF040C-40V/MF
SST25PF040CT-40V/MF
SST25PF040CT-40V/NP
SST25PF040C-40E/SN
SST25PF040CT-40E/SN
SST25PF040C-40E/MF
SST25PF040CT-40E/MF
X
Tape/Reel
Indicator
Frequency
XX
Package
Temperature
Note 1:
Tape and Reel identifier only
appears in the catalog part number
description. This identifier is used for
ordering purposes and is not printed
on the device package. Check with
your Microchip Sales Office for pack-
age availability with the Tape and
Reel option.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com