Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF040C Datasheet(PDF) 7 Page - Microchip Technology

Part # SST25PF040C
Description  4-Mbit, 3.3V, SPI Serial Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C Datasheet(HTML) 7 Page - Microchip Technology

Back Button SST25PF040C Datasheet HTML 3Page - Microchip Technology SST25PF040C Datasheet HTML 4Page - Microchip Technology SST25PF040C Datasheet HTML 5Page - Microchip Technology SST25PF040C Datasheet HTML 6Page - Microchip Technology SST25PF040C Datasheet HTML 7Page - Microchip Technology SST25PF040C Datasheet HTML 8Page - Microchip Technology SST25PF040C Datasheet HTML 9Page - Microchip Technology SST25PF040C Datasheet HTML 10Page - Microchip Technology SST25PF040C Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
 2015-2022 Microchip Technology Inc. and its subsidiaries
DS20005397F-page 7
SST25PF040C
4.2
STATUS Register
The software STATUS register provides status on
whether the flash memory array is available for any
read or write operation, whether the device is Write
enabled, and the state of the Memory Write protection.
During an internal erase or program operation, the
STATUS register may be read only to determine the
completion of an operation in progress. Table 4-2
describes the function of each bit in the software STA-
TUS register.
4.2.1
BUSY (BIT 0)
The BUSY bit determines whether there is an internal
Erase or Program operation in progress. A ‘1’ for the
BUSY bit indicates the device is busy with an operation
in progress. A ‘0’ indicates the device is ready for the
next valid operation.
4.2.2
WRITE ENABLE LATCH (WEL–BIT 1)
The Write-Enable Latch bit indicates the status of the
internal Write-Enable Latch memory. If the WEL bit is
set to ‘1’, it indicates the device is Write enabled. If the
bit is set to ‘0’ (reset), it indicates the device is not Write
enabled and does not accept any Write (Program/
Erase) commands. The Write-Enable-Latch bit is auto-
matically reset under the following conditions:
• Power-Up
• Write Disable (WRDI) instruction completion
• Page Program instruction completion
• Sector Erase instruction completion
• 64-Kbyte Block Erase instruction completion
• Chip Erase instruction completion
• Write STATUS Register instruction completion
4.2.3
BLOCK PROTECTION (BP0, BP1,
BP2, AND TB–BITS 2, 3, 4, AND 5)
The Block Protection (BP0, BP1, BP2, and TB) bits
define the size of the memory area to be software pro-
tected against any memory Write (Program or Erase)
operation, see Table 4-3. The Write STATUS Register
(WRSR) instruction is used to program the BP0, BP1,
BP2, and TB bits as long as WP# is high or the Block
Protect Lock (BPL) bit is ‘0’. Chip Erase can only be
executed if Block Protection bits are all ‘0’. BP0, BP1,
and BP2 select the protected area and TB allocates the
protected area to the higher-order address area (Top
Blocks) or lower-order address area (Bottom Blocks).
TABLE 4-2:
SOFTWARE STATUS REGISTER
Bit
Name
Function
Default at
Power-up
Read/Write
0BUSY
Write operation status
1 = Internal write operation is in progress
0 = No internal write operation is in progress
0R
1WEL
Write Enable Latch status
1 = Device is memory write-enabled
0 = Device is not memory write-enabled
0R
2
BP0
Indicate current level of block write protection (See Table 4-3)
0 or 1
R/W
3
BP1(1)
Indicate current level of block write protection (See Table 4-3)
0 or 1
R/W
4
BP2(1)
Indicate current level of block write protection (See Table 4-3)
0 or 1
R/W
5TB(1)
1 = 1/8, 1/4, or 1/2 Bottom Memory Blocks are protected (See Table 4-3)
0 = 1/8, 1/4, or 1/2 Top Memory Blocks are protected
0 or 1
R/W
6
RES
Reserved for future use
0
N/A
7
BPL(1)
1 = BP0, BP1, BP2, TB, and BPL are read-only bits
0 = BP0, BP1, BP2, TB, and BPL are read/writable
0 or 1
R/W
Note 1: BP0, BP1, BP2, TB, and BPL bits are non-volatile memory bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com