Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF040C Datasheet(PDF) 5 Page - Microchip Technology

Part # SST25PF040C
Description  4-Mbit, 3.3V, SPI Serial Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C Datasheet(HTML) 5 Page - Microchip Technology

  SST25PF040C Datasheet HTML 1Page - Microchip Technology SST25PF040C Datasheet HTML 2Page - Microchip Technology SST25PF040C Datasheet HTML 3Page - Microchip Technology SST25PF040C Datasheet HTML 4Page - Microchip Technology SST25PF040C Datasheet HTML 5Page - Microchip Technology SST25PF040C Datasheet HTML 6Page - Microchip Technology SST25PF040C Datasheet HTML 7Page - Microchip Technology SST25PF040C Datasheet HTML 8Page - Microchip Technology SST25PF040C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
 2015-2022 Microchip Technology Inc. and its subsidiaries
DS20005397F-page 5
SST25PF040C
3.0
MEMORY ORGANIZATION
The SST25PF040C SuperFlash memory arrays are
organized in 128 uniform 4-Kbyte sectors, with eight
64-Kbyte overlay erasable blocks.
FIGURE 3-1:
MEMORY MAP
4.0
DEVICE OPERATION
SST25PF040C is accessed through the SPI (Serial
Peripheral Interface) bus compatible protocol. The SPI
bus consist of four control lines: Chip Enable (CE#) is
used to select the device, and data is accessed through
the Serial Data Input (SI), Serial Data Output (SO), and
Serial Clock (SCK).
The SST25PF040C supports both Mode 0 (0,0) and
Mode 3 (1,1) of SPI bus operations. The difference
between the two modes, as shown in Figure 4-1, is the
state of the SCK signal when the bus host is in Stand-
by mode and no data is being transferred. The SCK sig-
nal is low for Mode 0 and SCK signal is high for Mode
3. For both modes, the Serial Data In (SI) is sampled at
the rising edge of the SCK clock signal and the Serial
Data Output (SO) is driven after the falling edge of the
SCK clock signal.
FIGURE 4-1:
SPI PROTOCOL
Top of Memory Block
00FFFFH
00F000H
000FFFH
000000H
001FFFH
001000H
Bottom of Memory Block
01FFFFH
01F000H
01FFFFH
010000H
07FFFFH
07F000H
070FFFH
070000H
Number of Sectors
15
0
1
31
16
127
112
1
0
7
Number of 64-Kbyte
Blocks
MODE 3
SCK
SI
SO
CE#
MODE 3
DON'T CARE
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MODE 0
MODE 0
High-Impediance
MSb
MSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com