Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF040C Datasheet(PDF) 4 Page - Microchip Technology

Part # SST25PF040C
Description  4-Mbit, 3.3V, SPI Serial Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C Datasheet(HTML) 4 Page - Microchip Technology

  SST25PF040C Datasheet HTML 1Page - Microchip Technology SST25PF040C Datasheet HTML 2Page - Microchip Technology SST25PF040C Datasheet HTML 3Page - Microchip Technology SST25PF040C Datasheet HTML 4Page - Microchip Technology SST25PF040C Datasheet HTML 5Page - Microchip Technology SST25PF040C Datasheet HTML 6Page - Microchip Technology SST25PF040C Datasheet HTML 7Page - Microchip Technology SST25PF040C Datasheet HTML 8Page - Microchip Technology SST25PF040C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
SST25PF040C
DS20005397F-page 4
 2015-2022 Microchip Technology Inc. and its subsidiaries
2.0
PIN ASSIGNMENTS
FIGURE 2-1:
PIN ASSIGNMENTS
TABLE 2-1:
PIN DESCRIPTION
Symbol
Pin Name
Functions
CE#
Chip Enable
The device is enabled by a high to low transition on CE#. CE# must remain low
for the duration of any command sequence. The device is deselected and
placed in Standby mode when CE# is high.
SO
Serial Data Output
To transfer data serially out of the device.
Data is shifted out on the falling edge of the serial clock.
SIO[0:1]
Serial Data Input/
Output for Dual I/O
Mode
To transfer commands, addresses, or data serially into the device, or data out of
the device. Inputs are latched on the rising edge of the serial clock. Data is
shifted out on the falling edge of the serial clock. These pins are used in Dual
I/O mode
WP#
Write-Protect
The Write-Protect (WP#) pin is used to enable/disable BPL bit in the STATUS
register.
VSS
Ground
VDD
Power Supply
To provide power supply voltage: 2.3V-3.6V
HOLD#
Hold
To temporarily stop serial communication with SPI Flash memory while device
is selected.
SCK
Serial Clock
To provide the input/output timing of the serial interface.
Commands, addresses, or input data are latched on the rising edge of the clock
input, while output data is shifted out on the falling edge of the clock input.
SI
Serial Data Input
To transfer commands, addresses, or data serially into the device.
Inputs are latched on the rising edge of the serial clock.
8-Lead SOIC
8-Contact WDFN 5x6 mm
8-Contact USON 2x3 mm
1
2
3
4
8
7
6
5
CE#
SO/SIO1
WP#
VSS
VDD
HOLD#
SCK
SI/SIO0
1
2
3
4
8
7
6
5
CE#
SO/SIO1
WP#
VSS
VDD
HOLD#
SCK
SI/SIO0
Top View
1
2
3
4
8
7
6
5
CE#
SO/SIO1
WP#
VSS
Top View
VDD
HOLD#
SCK
SI/SIO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com