Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF040C Datasheet(PDF) 11 Page - Microchip Technology

Part # SST25PF040C
Description  4-Mbit, 3.3V, SPI Serial Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C Datasheet(HTML) 11 Page - Microchip Technology

Back Button SST25PF040C Datasheet HTML 7Page - Microchip Technology SST25PF040C Datasheet HTML 8Page - Microchip Technology SST25PF040C Datasheet HTML 9Page - Microchip Technology SST25PF040C Datasheet HTML 10Page - Microchip Technology SST25PF040C Datasheet HTML 11Page - Microchip Technology SST25PF040C Datasheet HTML 12Page - Microchip Technology SST25PF040C Datasheet HTML 13Page - Microchip Technology SST25PF040C Datasheet HTML 14Page - Microchip Technology SST25PF040C Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
 2015-2022 Microchip Technology Inc. and its subsidiaries
DS20005397F-page 11
SST25PF040C
5.1
Read (25 MHz)
The Read instruction, 03H, supports up to 25 MHz
Read. The device outputs a data stream starting from
the specified address location. The data stream is con-
tinuous through all addresses until terminated by a low-
to-high transition on CE#. The internal address pointer
automatically increments until the highest memory
address is reached. Once the highest memory address
is reached, the address pointer automatically incre-
ments to the beginning (wrap-around) of the address
space. For example, for 4 Mbit density, once the data
from the address location 7FFFFH is read, the next out-
put is from address location 000000H. The READ
instruction is initiated by executing an 8-bit command,
03H, followed by address bits A23-A0. CE# must remain
active low for the duration of the Read cycle. See Fig-
ure 5-1 for the Read sequence.
FIGURE 5-1:
READ SEQUENCE
5.2
High-Speed Read (40 MHz)
The High-Speed Read instruction supporting up to
40 MHz Read is initiated by executing an 8-bit com-
mand, 0BH, followed by address bits [A23-A0] and a
dummy byte. CE# must remain active low for the dura-
tion of the High-Speed Read cycle. See Figure 5-2 for
the High-Speed Read sequence.
Following a dummy cycle, the High-Speed Read
instruction outputs the data starting from the specified
address location. The data output stream is continuous
through all addresses until terminated by a low-to-high
transition on CE#. The internal address pointer will
automatically increment until the highest memory
address is reached. Once the highest memory address
is reached, the address pointer will automatically incre-
ment to the beginning (wrap-around) of the address
space. For example, for 4-Mbit density, once the data
from address location 7FFFFH is read, the next output
will be from address location 000000H.
FIGURE 5-2:
HIGH-SPEED READ SEQUENCE
CE#
SO
SI
SCK
ADD.
0 1 234 5 6 78
ADD.
ADD.
03
High-Impedance
15 16
23 24
31 32
39 40
70
47
48
55 56
63 64
N+2
N+3
N+4
N
N+1
DOUT
MSb
MSb
MSb
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
CE#
SO
SI
SCK
ADD.
012 34 5
6 7 8
ADD.
ADD.
0B
High-Impedance
15 16
23 24
31 32
39 40
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
X
MSb
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
80
71 72
DOUT
MSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com