Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF040C Datasheet(PDF) 1 Page - Microchip Technology

Part # SST25PF040C
Description  4-Mbit, 3.3V, SPI Serial Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C Datasheet(HTML) 1 Page - Microchip Technology

  SST25PF040C Datasheet HTML 1Page - Microchip Technology SST25PF040C Datasheet HTML 2Page - Microchip Technology SST25PF040C Datasheet HTML 3Page - Microchip Technology SST25PF040C Datasheet HTML 4Page - Microchip Technology SST25PF040C Datasheet HTML 5Page - Microchip Technology SST25PF040C Datasheet HTML 6Page - Microchip Technology SST25PF040C Datasheet HTML 7Page - Microchip Technology SST25PF040C Datasheet HTML 8Page - Microchip Technology SST25PF040C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
 2015-2022 Microchip Technology Inc. and its subsidiaries
DS20005397F-page 1
SST25PF040C
Features
• Single Voltage Read and Write Operations
- 2.3V-3.6V
• Serial Interface Architecture
- SPI Compatible: Mode 0 and Mode 3
• High-Speed Clock Frequency
-40 MHz
• Dual Input/Output Support
- Fast-Read Dual-Output Instruction (3BH)
- Fast-Read Dual I/O Instruction (BBH)
• Superior Reliability
- Endurance: 100,000 Cycles
- Greater than 20 years Data Retention
• Ultra-Low Power Consumption:
- Active Read current: 5 mA (typical)
- Standby current: 5 µA (typical)
- Power-down Mode Standby current: 3 µA
(typical)
• Flexible Erase Capability
- Uniform 4-Kbyte sectors
- Uniform 64-Kbyte overlay blocks
• Page Program Mode
- 256 bytes per Page
• Fast Erase and Page Program:
- Chip Erase Time: 250 ms (typical)
- Sector Erase Time: 40 ms (typical)
- Block Erase Time: 80 ms (typical)
- Page Program Time: 4 ms/ 256 bytes
(typical)
• End-of-Write Detection
- Software polling the BUSY bit in STATUS
Register
• Hold Pin (HOLD#)
- Suspend a serial sequence without
deselecting the device
• Write Protection (WP#)
- Enables/Disables the Lock-Down function of
the STATUS register
• Software Write Protection
- Write protection through Block-Protection bits
in STATUS register
• Temperature Range
- Industrial: -40°C to +85°C
- Industrial Plus: -40°C to +105°C
- Extended: -40°C to +125°C
• Automotive AEC-Q100 Qualified
• All devices are RoHS compliant
Packages
• 8-contact USON (2 mm x 3 mm)
• 8-lead SOIC (150 mils)
• 8-contact WDFN (5 mm x 6 mm)
Product Description
SST25PF040C is a member of the Serial Flash 25
Series family and feature a four-wire, SPI-compatible
interface that allows for a low pin-count package which
occupies less board space and ultimately lowers total
system costs. SPI serial flash memory is manufactured
with
proprietary,
high-performance
CMOS
SuperFlash® technology. The split-gate cell design and
thick-oxide tunneling injector attain better reliability and
manufacturability compared with alternate approaches.
This Serial Flash significantly improve performance
and reliability, while lowering power consumption. The
device writes (Program or Erase) with a single power
supply of 2.3V-3.6V. The total energy consumed is a
function of the applied voltage, current, and time of
application. Since for any given voltage range, the
SuperFlash technology uses less current to program
and has a shorter erase time, the total energy con-
sumed during any Erase or Program operation is less
than alternative flash memory technologies.
See Figure 2-1 for the pin assignments.
4-Mbit, 3.3V, SPI Serial Flash


Similar Part No. - SST25PF040C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25PF040C MICROCHIP-SST25PF040C Datasheet
481Kb / 40P
4 Mbit, 3.3V, SPI Serial Flash
07/14/15
SST25PF040C-40I/MF MICROCHIP-SST25PF040C-40I/MF Datasheet
481Kb / 40P
4 Mbit, 3.3V, SPI Serial Flash
07/14/15
SST25PF040C-40I/SN MICROCHIP-SST25PF040C-40I/SN Datasheet
481Kb / 40P
4 Mbit, 3.3V, SPI Serial Flash
07/14/15
SST25PF040CT-40I/MF MICROCHIP-SST25PF040CT-40I/MF Datasheet
481Kb / 40P
4 Mbit, 3.3V, SPI Serial Flash
07/14/15
SST25PF040CT-40I/SN MICROCHIP-SST25PF040CT-40I/SN Datasheet
481Kb / 40P
4 Mbit, 3.3V, SPI Serial Flash
07/14/15
More results

Similar Description - SST25PF040C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
4 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_10 Datasheet
555Kb / 33P
4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B MICROCHIP-SST25VF040B_11 Datasheet
3Mb / 33P
4 Mbit SPI Serial Flash
2011
SST25VF040B MICROCHIP-SST25VF040B Datasheet
439Kb / 31P
4 Mbit SPI Serial Flash
2015
SST25PF040C MICROCHIP-SST25PF040C Datasheet
481Kb / 40P
4 Mbit, 3.3V, SPI Serial Flash
07/14/15
SST25VF040B MICROCHIP-SST25VF040B_V01 Datasheet
1Mb / 31P
4-Mbit SPI Serial Flash
Revision F June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com