Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF040C Datasheet(PDF) 16 Page - Microchip Technology

Part # SST25PF040C
Description  4-Mbit, 3.3V, SPI Serial Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C Datasheet(HTML) 16 Page - Microchip Technology

Back Button SST25PF040C Datasheet HTML 12Page - Microchip Technology SST25PF040C Datasheet HTML 13Page - Microchip Technology SST25PF040C Datasheet HTML 14Page - Microchip Technology SST25PF040C Datasheet HTML 15Page - Microchip Technology SST25PF040C Datasheet HTML 16Page - Microchip Technology SST25PF040C Datasheet HTML 17Page - Microchip Technology SST25PF040C Datasheet HTML 18Page - Microchip Technology SST25PF040C Datasheet HTML 19Page - Microchip Technology SST25PF040C Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
SST25PF040C
DS20005397F-page 16
 2015-2022 Microchip Technology Inc. and its subsidiaries
5.8
Chip Erase
The Chip Erase instruction clears all bits in the device
to FFH. A Chip Erase instruction is ignored if any of the
memory area is protected. Prior to any write operation, the
Write Enable (WREN) instruction must be executed. CE#
must remain active low for the duration of the Chip
Erase instruction sequence. Initiate the Chip Erase
instruction by executing an 8-bit command, 60H or
C7H. CE# must be driven high before the instruction is exe-
cuted. Poll the BUSY bit in the software STATUS regis-
ter, or wait TSCE, for the completion of the internal self-
timed Chip Erase cycle. See Figure 5-8 for the Chip
Erase sequence and Figure 6-10 for the flow chart.
FIGURE 5-8:
CHIP ERASE SEQUENCE
5.9
Read STATUS Register (RDSR)
The Read STATUS Register (RDSR) instruction, 05H,
allows reading of the STATUS register. The STATUS
register may be read at any time even during a Write
(Program/Erase) operation. When a write operation is
in progress, the BUSY bit may be checked before
sending any new commands to assure that the new
commands are properly received by the device. CE#
must be driven low before the RDSR instruction is
entered and remain low until the status data is read.
Read STATUS Register is continuous with ongoing
clock cycles until it is terminated by a low-to-high tran-
sition of the CE#. See Figure 5-9 for the RDSR instruc-
tion sequence.
FIGURE 5-9:
READ STATUS REGISTER (RDSR) SEQUENCE
CE#
SO
SI
SCK
0 1 234 5 6 7
60 or C7
High-Impedance
MODE 0
MODE 3
MSb
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
MODE 3
SCK
SI
SO
CE#
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
05
MODE 0
High-Impedance
STATUS
Register Out
MSb
MSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com