Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF040C Datasheet(PDF) 32 Page - Microchip Technology

Part # SST25PF040C
Description  4-Mbit, 3.3V, SPI Serial Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C Datasheet(HTML) 32 Page - Microchip Technology

Back Button SST25PF040C Datasheet HTML 28Page - Microchip Technology SST25PF040C Datasheet HTML 29Page - Microchip Technology SST25PF040C Datasheet HTML 30Page - Microchip Technology SST25PF040C Datasheet HTML 31Page - Microchip Technology SST25PF040C Datasheet HTML 32Page - Microchip Technology SST25PF040C Datasheet HTML 33Page - Microchip Technology SST25PF040C Datasheet HTML 34Page - Microchip Technology SST25PF040C Datasheet HTML 35Page - Microchip Technology SST25PF040C Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
SST25PF040C
DS20005397F-page 32
 2015-2022 Microchip Technology Inc. and its subsidiaries
7.0
PACKAGING INFORMATION
7.1
Package Marking
XXXXXXXX
YYWWNNN
XXXXXXXX
MF
220313F
25F040C
e3
Legend: XX...X
Part number or part number code
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC® designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC® designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Part Number
1st Line Marking Codes
SOIC
WDFN
USON
SST25PF040C
25F040C
25F040C
5P040
8-Lead SOIC (3.90 mm)
Example
NNN
25F040C
SN2203
13F
8-Lead WDFN (5x6 mm)
Example
8-Lead USON (2x3 mm)
5P040
220313F
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com