Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF040C Datasheet(PDF) 17 Page - Microchip Technology

Part # SST25PF040C
Description  4-Mbit, 3.3V, SPI Serial Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C Datasheet(HTML) 17 Page - Microchip Technology

Back Button SST25PF040C Datasheet HTML 13Page - Microchip Technology SST25PF040C Datasheet HTML 14Page - Microchip Technology SST25PF040C Datasheet HTML 15Page - Microchip Technology SST25PF040C Datasheet HTML 16Page - Microchip Technology SST25PF040C Datasheet HTML 17Page - Microchip Technology SST25PF040C Datasheet HTML 18Page - Microchip Technology SST25PF040C Datasheet HTML 19Page - Microchip Technology SST25PF040C Datasheet HTML 20Page - Microchip Technology SST25PF040C Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
 2015-2022 Microchip Technology Inc. and its subsidiaries
DS20005397F-page 17
SST25PF040C
5.10
Write Enable (WREN)
The Write Enable (WREN) instruction, 06H, sets the
Write Enable Latch bit in the STATUS Register to ‘1’
allowing write operations to occur. The WREN instruction
must be executed prior to any Write (Program/Erase)
operation. The WREN instruction may also be used to
allow execution of the Write STATUS Register (WRSR)
instruction; however, the Write Enable Latch bit in the
STATUS Register will be cleared upon the rising edge
CE# of the WRSR instruction. CE# must be driven low
before entering the WREN instruction, and CE# must be
driven high before executing the WREN instruction. See
Figure 5-10 for the WREN instruction sequence.
FIGURE 5-10:
WRITE ENABLE (WREN) SEQUENCE
5.11
Write Disable (WRDI)
The Write Disable (WRDI) instruction, 04H, resets the
Write Enable Latch bit to ‘0’, thus preventing any new
Write operations. CE# must be driven low before enter-
ing the WRDI instruction, and CE# must be driven high
before executing the WRDI instruction. See Figure 5-11
for the WRDI instruction sequence.
FIGURE 5-11:
WRITE DISABLE (WRDI) SEQUENCE
CE#
SO
SI
SCK
0 1 234 5 6 7
06
High-Impedance
MODE 0
MODE 3
MSb
CE#
SO
SI
SCK
0 1 234 5 6 7
04
High-Impedance
MODE 0
MODE 3
MSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com