Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF040C Datasheet(PDF) 14 Page - Microchip Technology

Part # SST25PF040C
Description  4-Mbit, 3.3V, SPI Serial Flash
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C Datasheet(HTML) 14 Page - Microchip Technology

Back Button SST25PF040C Datasheet HTML 10Page - Microchip Technology SST25PF040C Datasheet HTML 11Page - Microchip Technology SST25PF040C Datasheet HTML 12Page - Microchip Technology SST25PF040C Datasheet HTML 13Page - Microchip Technology SST25PF040C Datasheet HTML 14Page - Microchip Technology SST25PF040C Datasheet HTML 15Page - Microchip Technology SST25PF040C Datasheet HTML 16Page - Microchip Technology SST25PF040C Datasheet HTML 17Page - Microchip Technology SST25PF040C Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
SST25PF040C
DS20005397F-page 14
 2015-2022 Microchip Technology Inc. and its subsidiaries
5.5
Page Program
The Page Program instruction programs up to
256 bytes of data in the memory. The data for the
selected page address must be in the erased state
(FFH) before initiating the Page-Program operation. A
Page Program applied to a protected memory area will
be ignored. Prior to the program operation, execute the
WREN instruction.
To execute a Page Program operation, the host drives
CE# low, then sends the Page Program command
cycle (02H), three address cycles, followed by the data
to be programmed, and then drives CE# high. The pro-
grammed data must be between 1 to 256 bytes and in
whole byte increments; sending less than a full byte will
cause the partial byte to be ignored. Poll the BUSY bit
in the STATUS register, or wait TPP, for the completion
of the internal, self-timed, Page Program operation.
See Figure 5-5 for the Page Program sequence and
Figure 6-8 for the Page Program flow chart.
When executing Page Program, the memory range for
the SST25PF040C is divided into 256-byte page
boundaries. The device handles the shifting of more
than 256 bytes of data by maintaining the last
256 bytes as the correct data to be programmed. If the
target address for the Page Program instruction is not
the beginning of the page boundary (A[7:0] are not all
zero), and the number of bytes of data input exceeds or
overlaps the end of the address of the page boundary,
the excess data inputs wrap around and will be pro-
grammed at the start of that target page.
FIGURE 5-5:
PAGE PROGRAM SEQUENCE
CE#
SO
SI
SCK
ADD.
0 1 234 5 6 78
ADD.
ADD.
Data Byte 0
02
High-Impedance
15 16
23 24
31 32
39
MODE 0
MODE 3
MSb
MSb
MSb
LSb
CE#(cont’)
SO(cont’)
SI(cont’)
SCK(cont’)
40 41 42 43 44 45 46
47 48
Data Byte 1
High-Impedance
MSb
MSb
MSb
LSb
50 51 52 53 54 55
49
Data Byte 2
Data Byte 255
LSb
LSb
LSb
LSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com