Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-HP Datasheet(PDF) 19 Page - Microchip Technology

Part # VSC8540XMVRT-HP
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-HP Datasheet(HTML) 19 Page - Microchip Technology

Back Button VSC8540XMVRT-HP Datasheet HTML 15Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 16Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 17Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 18Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 19Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 20Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 21Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 22Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 19
VSC8540RT
ing resistors need to be added to your design. These output pins are required by the device as inputs while NRESET is
asserted and the logic state of the pin is latched in the device upon de-assertion of NRESET. To ensure correct operation
of the hardware strapping function, any other device connected to these pins must not actively drive a signal onto them.
The following table describes the pins used for this purpose and their respective modes.
5.3.1
CLKOUT SIGNAL CONFIGURATION
When the CLKOUT signal is pulled LOW and the state of that signal is latched to logic 0 on the rising edge of reset, the
CLKOUT output is disabled and the device will drive a logic low level on that pin after reset de-assertion. When the CLK-
OUT signal is pulled HIGH and the state of that signal is latched to logic 1, the CLKOUT output is enabled. This behavior
can also be controlled through register 13G.15.
The CLKOUT signal is frequency-locked to the reference clock signal input through XTAL1/XTAL2 pins. The frequency
of CLKOUT can be programed to the following values through register 13G.14:13:
•25 MHz
•50 MHz
• 125 MHz
5.3.2
MANAGED MODE
When RX_CLK pin is pulled LOW and the state of that signal is latched to logic 0 on the rising edge of reset, the device
operates in a managed mode. In managed mode, the remaining 5 signals (A–E) are used to set the PHY address, allow-
ing up to 32 devices to reside on the shared MDIO bus. In this mode, the device can be configured using register access
and no additional hardware configurability is provided. The following table lists the assigned PHY address values in
managed mode.
5.3.3
UNMANAGED MODE
When RX_CLK is pulled HIGH and the state of that signal is latched to logic 1 on the rising edge of reset, the device
operates in an unmanaged mode. The signals A–E are used to set default chip configurations, as described in the fol-
lowing sections.
Note:
The default values for the following registers depend on the chosen hardware strapping options.
• 0.13, 0.6—Forced speed selection
TABLE 5-6:
HARDWARE MODE STRAPPING AND PHY ADDRESSING
Pin(s)
Operation Mode
CLKOUT
Enable/disable CLKOUT signal
RX_CLK
Managed or unmanaged mode
RXD0
Signal A
RXD1
Signal B
RXD2
Signal C
RXD3
Signal D
RX_DV/RX_CTL
Signal E
MII_TXCLK
Select MII or RGMII/RMII MAC interface mode
RXD4
PHY address bit 0 in unmanaged mode
RXD5
PHY address bit 1 in unmanaged mode
RXD6
CLKOUT frequency selection bit 0
RXD7
CLKOUT frequency selection bit 1
TABLE 5-7:
MANAGED MODE
Signal
PHY Address Values
Signal A
PHY address bit 0
Signal B
PHY address bit 1
Signal C
PHY address bit 2
Signal D
PHY address bit 3
Signal E
PHY address bit 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com