Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-HP Datasheet(PDF) 28 Page - Microchip Technology

Part # VSC8540XMVRT-HP
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-HP Datasheet(HTML) 28 Page - Microchip Technology

Back Button VSC8540XMVRT-HP Datasheet HTML 24Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 25Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 26Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 27Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 28Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 29Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 30Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 31Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 87 page
background image
VSC8540RT
DS60001603E-page 28
2022 Microchip Technology Inc. and its subsidiaries
5.10.1
SMI FRAMES
Data is transferred over the SMI using 32-bit frames with an optional, arbitrary-length preamble. Before the first frame
can be sent, at least two clock pulses on MDC must be provided with the MDIO signal at logic one to initialize the SMI
state machine. The following illustrations show the SMI frame format for read and write operations.
FIGURE 5-12:
SMI READ FRAME
FIGURE 5-13:
SMI WRITE FRAME
The following list defines the terms used in the SMI read and write timing diagrams.
• Idle—During idle, the MDIO node goes to a high-impedance state. This allows an external pull-up resistor to pull
the MDIO node up to a logical 1 state. Because the idle mode does not contain any transitions on MDIO, the num-
ber of bits is undefined during idle.
• Preamble—By default, preambles are not expected or required. The preamble is a string of ones. If it exists, the
preamble must be at least 1 bit; otherwise, it can be of an arbitrary length.
• Start of Frame Delimiter (SFD—A pattern of 01 indicates the start of frame. If the pattern is not 01, all following
bits are ignored until the next preamble pattern is detected.
• Read or Write Opcode—A pattern of 10 indicates a read. A 01 pattern indicates a write. If the bits are not either
01 or 10, all following bits are ignored until the next preamble pattern is detected.
• PHY Address—The particular VSC8540RT device responds to a message frame only when the received PHY
address matches its physical address. The physical address is 5 bits long (4:0).
• Register Address—The next five bits are the register address.
• Turnaround—The two bits used to avoid signal contention when a read operation is performed on the MDIO are
called the turnaround (TA) bits. During read operations, the VSC8540RT device drives the second TA bit, a logical
0.
• Data—The 16-bits read from or written to the device are considered the data or data stream. When data is read
from a PHY, it is valid at the output from one rising edge of MDC to the next rising edge of MDC. When data is writ-
ten to the PHY, it must be valid around the rising edge of MDC.
• Idle—The sequence is repeated.
5.10.2
SMI INTERRUPT
The SMI includes an interrupt signal, MDINT, for signaling the station manager when certain events occur in the
VSC8540RT device.
MDIO
Idle Preamble
(optional)
SFD
Read
MDC
Station manager drives MDIO
PHY drives MDIO
PHY Address
Register Address
to PHY
TA
Register Data
from PHY
Idle
ZZ
Z
11
00
0
A4 A3 A2 A1 A0 R4 R3 R2 R1 R0
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2
D0 Z
Z
D1
1
MDIO
Idle Preamble
(optional)
SFD
Write
MDC
Station manager drives MDIO (PHY tri-states MDIO during the entire sequence)
PHY Address
Register Address
to PHY
TA
Register Data
to PHY
Idle
ZZ
1
11
01
0
A4 A3 A2 A1 A0 R4 R3 R2 R1 R0
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2
D0 Z
Z
D1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com