Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-HP Datasheet(PDF) 13 Page - Microchip Technology

Part # VSC8540XMVRT-HP
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-HP Datasheet(HTML) 13 Page - Microchip Technology

Back Button VSC8540XMVRT-HP Datasheet HTML 9Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 10Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 11Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 12Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 13Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 14Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 15Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 16Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 13
VSC8540RT
SMI
MDC
48
I
VDDMDIO
Management data clock. A 0 MHz to
12.5 MHz reference input is used to
clock serial MDIO data into and out of
the PHY.
SMI
MDINT
51
O, OD VDDMDIO
Management interrupt signal. These
pins can be tied together in a wired-OR
configuration with only a single pull-up
resistor.
SMI
MDIO
50
I/O
VDDMDIO
Management data input/output pin.
Serial data is written or read form this
pin bi-directionally between the PHY
and station manager synchronously on
the positive edge of MDC. One external
pull-up resistor is required at the station
manager.
TABLE 3-2:
PINS BY FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com