Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-HP Datasheet(PDF) 80 Page - Microchip Technology

Part # VSC8540XMVRT-HP
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-HP Datasheet(HTML) 80 Page - Microchip Technology

Back Button VSC8540XMVRT-HP Datasheet HTML 76Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 77Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 78Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 79Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 80Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 81Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 82Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 83Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 87 page
background image
VSC8540RT
DS60001603E-page 80
2022 Microchip Technology Inc. and its subsidiaries
9.1.1
MARKING
Top marking follows the example shown below:
Where:
Line 1 = Microchip Logo
Line 2 and 3 = Device Name
Line 4 = Traceability Code
9.1.2
THERMAL SPECIFICATIONS
Thermal specifications for this device are based on the JEDEC JESD51 family of documents. These documents are
available on the JEDEC website at www.jedec.org. The thermal specifications are modeled using a four-layer test board
with two signal layers, a power plane, and a ground plane (2s2p PCB). For more information about the thermal mea-
surement method used for this device, see the JESD51-1 standard.
To achieve results similar to the modeled thermal measurements, the guidelines for board design described in the
JESD51 family of publications must be applied. For information about applications using VQFN packages, see the fol-
lowing:
• JESD51-2A, Integrated Circuits Thermal Test Method Environmental Conditions, Natural Convection (Still Air)
• JESD51-6, Integrated Circuit Thermal Test Method Environmental Conditions, Forced Convection (Moving Air)
• JESD51-8, Integrated Circuit Thermal Test Method Environmental Conditions, Junction-to-Board
• JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
• JESD51-5, Extension of Thermal Test Board Standards for Packages with Direct Thermal Attachment Mecha-
nisms
9.1.3
MOISTURE SENSITIVITY
9.1.4
This device is rated moisture sensitivity level 3 or better as specified in the joint IPC and JEDEC standard
IPC/JEDEC J-STD-020. For more information, see the IPC and JEDEC standard.
9.2
68-Pin Ceramic Quad Flat Package
The package is a lead-free (Pb-free), 68-pin, Ceramic Quad Flat Package (CQFP) with a heat slug, 13.05 mm × 13.05
mm body size, 0.635 mm pin pitch and 3.68 mm maximum height.
The heat slug used for ground has the same size as the exposed pad of the VQFN68.
The package lid is connected to ground.
TABLE 9-1:
THERMAL RESISTANCES
Symbol
°C/W
Parameter
JB
5.6
Die junction to printed circuit board (vacuum environment)
JA
26.6
Die junction to ambient (air environment)
JMA at 1 m/s
20.0
Die junction to moving air measured at an air speed of 1 m/s
JMA at 2 m/s
19.0
Die junction to moving air measured at an air speed of 2 m/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com