Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-HP Datasheet(PDF) 44 Page - Microchip Technology

Part # VSC8540XMVRT-HP
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-HP Datasheet(HTML) 44 Page - Microchip Technology

Back Button VSC8540XMVRT-HP Datasheet HTML 40Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 41Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 42Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 43Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 44Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 45Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 46Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 47Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 87 page
background image
VSC8540RT
DS60001603E-page 44
2022 Microchip Technology Inc. and its subsidiaries
When set to 10, the squelch level is increased and can improve the bit error rate in high-noise environments.
• When bit 22.9 is set, all sticky register bits retain their values during a software reset. Clearing this bit causes all
sticky register bits to change to their default values upon software reset. Super-sticky bits retain their values upon
software reset regardless of the setting of bit 22.9.
• When bit 22.0 is set, if a write to any PHY register (registers 0–31, including extended registers), the same write is
broadcast to all PHYs. For example, if bit 22.0 is set to 1 and a write to PHY0 is executed (register 0 is set to
0x1040), all PHYs' register 0s are set to 0x1040. Disabling this bit restores normal PHY write operation. Reads are
still possible when this bit is set, but the value that is read corresponds only to the particular PHY being
addressed.
6.2.17
EXTENDED PHY CONTROL 1
The following table shows the settings available.
Note:
After configuring bits 13:11 of the extended PHY control register set 1, a software reset (register 0, bit 15)
must be written to change the device operating mode. On read, these bits only indicate the actual operating
mode and not the pending operating mode setting before a software reset has taken place.
6.2.18
EXTENDED PHY CONTROL 2
The second set of extended controls is located in register 24 in the main register space for the device. The following
table shows the settings and readouts available.
TABLE 6-20:
EXTENDED PHY CONTROL 1, ADDRESS 23 (0X17)
Bit
Name
Access
Description
Default
15:14 Reserved
RO
Reserved.
13
MAC supplied clock
enable
R/W
MAC interface RX_CLK synchronization.
0: Synchronize RX_CLK to recovered clock.
1: Synchronize RX_CLK to REFCLK.
Note:
This bit is not applicable to the RMII MAC
interface selection. This bit may be
changed during COMA mode or written
prior to a soft-reset, after which it takes
effect.
0
12:11
MAC interface selection R/W
MAC interface mode.
00: MII.
01: RMII.
10: RGMII.
11: Reserved.
Note:
These bits may be changed during COMA
mode or written prior to a soft-reset, after
which it takes effect.
10
10:4
Reserved
RO
Reserved.
3
Far-end loopback mode R/W
1: Enabled.
0
2:0
Reserved
RO
Reserved.
TABLE 6-21:
EXTENDED PHY CONTROL 2, ADDRESS 24 (0X18)
Bit
Name
Access
Description
Default
15:13 100BASE-TX edge rate control
R/W
Sticky bit.
011: +7 edge rate (slowest).
010: +6 edge rate.
001: +5 edge rate.
000: +4 edge rate.
111: +3 edge rate.
110: +2 edge rate.
101: +1 edge rate.
100: Fastest edge rate.
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com