Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-HP Datasheet(PDF) 43 Page - Microchip Technology

Part # VSC8540XMVRT-HP
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-HP Datasheet(HTML) 43 Page - Microchip Technology

Back Button VSC8540XMVRT-HP Datasheet HTML 39Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 40Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 41Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 42Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 43Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 44Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 45Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 46Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 43
VSC8540RT
6.2.14
ERROR COUNTER 2
The bits in register 20 provide an error counter. The following table shows the settings available.
6.2.15
ERROR COUNTER 3
The bits in register 21 provide an error counter. The following table shows the settings available.
6.2.16
EXTENDED CONTROL AND STATUS
The bits in register 22 provide additional device control and readouts. The following table shows the settings available.
The following information applies to the extended control and status bits:
• When bit 22.15 is set, the link integrity state machine is bypassed and the PHY is forced into a link pass status.
• When bits 22.11:10 are set to 00, the squelch threshold levels are based on the IEEE standard for 10BASE-T.
When set to 01, the squelch level is decreased, which can improve the bit error rate performance on long loops.
TABLE 6-17:
EXTENDED CONTROL AND STATUS, ADDRESS 20 (0X14)
Bit
Name
Access
Description
Default
15:8 Reserved
RO
Reserved.
7:0
False carrier counter
RO
8-bit counter that saturates when it reaches 255.
These bits are self-clearing when read.
0x00
TABLE 6-18:
EXTENDED CONTROL AND STATUS, ADDRESS 21 (0X15)
Bit
Name
Access
Description
Default
15:8 Reserved
RO
Reserved.
7:0
Copper media link disconnect counter RO
8-bit counter that saturates when it reaches
255. These bits are self-clearing when read.
0x00
TABLE 6-19:
EXTENDED CONTROL AND STATUS, ADDRESS 22 (0X16)
Bit
Name
Access
Description
Default
15
Force 10BASE-T link high
R/W
Sticky bit.
1: Bypass link integrity test.
0: Enable link integrity test.
0
14
Jabber detect disable
R/W
Sticky bit.
1: Disable jabber detect.
0
13
Disable 10BASE-T echo
R/W
Sticky bit.
1: Disable 10BASE-T echo.
1
12
Disable SQE mode
R/W
Sticky bit.
1: Disable SQE mode.
1
11:10
10BASE-T squelch control
R/W
Sticky bit.
00: Normal squelch.
01: Low squelch.
10: High squelch.
11: Reserved.
00
9
Sticky reset enable
R/W
Super-sticky bit.
1: Enabled.
1
8
EOF Error
RO
This bit is self-clearing.
1: EOF error detected.
0
7
10BASE-T disconnect state RO
This bit is self-clearing.
1: 10BASE-T link disconnect detected.
0
6
10BASE-T link status
RO
1: 10BASE-T link active.
0
5:1
Reserved
RO
Reserved.
0
SMI broadcast write
R/W
Sticky bit.
1: Enabled.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com