Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-HP Datasheet(PDF) 27 Page - Microchip Technology

Part # VSC8540XMVRT-HP
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-HP Datasheet(HTML) 27 Page - Microchip Technology

Back Button VSC8540XMVRT-HP Datasheet HTML 23Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 24Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 25Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 26Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 27Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 28Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 29Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 30Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 27
VSC8540RT
In the absence of signal energy on the media pins, the PHY periodically transitions from low-power state to link partner
wake-up state, based on the programmable sleep timer (register bits 20E1.14:13). The actual sleep time duration is ran-
domized from –80 ms to 60 ms to avoid two linked PHYs in ActiPHY mode entering a lock-up state during operation.
5.8.2
LINK PARTNER WAKE-UP STATE
In the link partner wake-up state, the PHY attempts to wake up the link partner. Up to three complete fast link pulse
bursts are sent on alternating pairs A and B of the Cat5 media for a duration based on the wake-up timer, which is set
using register bits 20E1.12:11.
In this state, SMI interface (MDC, MDIO, and MDINT) functionality is provided.
After sending signal energy on the relevant media, the PHY returns to the low power state.
5.8.3
NORMAL OPERATING STATE
In the normal operating state, the PHY establishes a link with a link partner. When the media is unplugged or the link
partner is powered down, the PHY waits for the duration of the programmable link status time-out timer, which is set
using register bit 28.7 and bit 28.2. It then enters the low power state.
5.9
Media Recovered Clock Output
For Synchronous Ethernet applications, VSC8540RT include a recovered clock output pin, RCVRD_CLK, controlled by
register 23G. The recovered clock pin is synchronized to the clock of the active media link.
To enable recovered clock output, set register 23G bit 15 and bit 0 to 1. By default, the recovered clock output pin is
disabled and held low, including when NRESET is asserted. Register 23G also controls the clock source, the clock fre-
quency (either 25 MHz, 31.25 MHz, or 125 MHz), and squelch conditions.
Note:
When EEE is enabled on a link, the use of the recovered clock output is not recommended due to long hold-
overs occurring during EEE quiet/refresh cycles.
5.9.1
CLOCK OUTPUT SQUELCH
Under certain conditions, such as when there is no link present or during auto-negotiation, the PHY outputs a clock
based on the REFCLK pin. To prevent an undesirable clock from appearing on the recovered clock pins, the
VSC8540RT device squelches, or inhibits, the clock output based on any of the following criteria:
• No link is detected (the link status register 1, bit 2 = 0).
• The link is found to be unstable using the fast link failure detection feature. The FASTLINK-FAIL pin is asserted
high when enabled.
• The active link is in 10BASE-T.This mode produces unreliable recovered clock sources.
• CLK_SQUELCH_IN is enabled to squelch the clock.
Use register 23G bits 5:4 to configure the clock squelch criteria. This register can also disable the squelch feature. The
CLK_SQUELCH_IN pin controls the squelching of the clock. The recovered clock output is squelched when the
CLK_SQUELCH_IN pin is high. CLK_SQUELCH_IN pin has an internal PD and can be left unconnected.
5.10
Serial Management Interface
The VSC8540RT device includes an IEEE 802.3-compliant Serial Management Interface (SMI) that is affected by use
of its MDC and MDIO pins. The SMI provides access to device control and status registers. The register set that controls
the SMI consists of 32 16-bit registers, including all required IEEE-specified registers. Additional pages of registers are
accessible using device register 31.
Energy-efficient Ethernet control registers are available through the SMI using Clause 45 registers and Clause 22 reg-
ister access in registers 13 through 14.
The SMI is a synchronous serial interface with input data to the VSC8540RT device on the MDIO pin that is clocked on
the rising edge of the MDC pin. The output data is sent on the MDIO pin on the rising edge of the MDC signal. The
interface can be clocked at a rate from 0 MHz to 12.5 MHz, depending on the total load on MDIO. An external 2 k
pull-up resistor is required on the MDIO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com