Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-HP Datasheet(PDF) 46 Page - Microchip Technology

Part # VSC8540XMVRT-HP
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-HP Datasheet(HTML) 46 Page - Microchip Technology

Back Button VSC8540XMVRT-HP Datasheet HTML 42Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 43Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 44Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 45Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 46Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 47Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 48Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 49Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 87 page
background image
VSC8540RT
DS60001603E-page 46
2022 Microchip Technology Inc. and its subsidiaries
6.2.20
INTERRUPT STATUS
The status of interrupts already written to the device is available for reading from register 26 in the main registers space.
The following table shows the expected readouts.
The following information applies to the interrupt status bits:
• All set bits in this register are cleared after being read (self-clearing). If bit 26.15 is set, the cause of the interrupt
can be read by reading bits 26.14:0.
• For bits 26.14 and 26.12, bit 0.12 must be set for this interrupt to assert.
• For bit 26.0, this interrupt will not occur when RX_ER is used for carrier-extension decoding of a link partner's data
transmission.
• If bit 5 is set, register 29E2 must be read to determine the source of the interrupt.
6.2.21
DEVICE AUXILIARY CONTROL AND STATUS
Register 28 provides control and status information for several device functions not controlled or monitored by other
device registers. The following table shows the settings available and the expected readouts.
TABLE 6-23:
INTERRUPT STATUS, ADDRESS 26 (0X1A)
Bit
Name
Access
Description
Default
15
Interrupt status
RO
Self-clearing bit. 1: Interrupt pending.
0
14
Speed state change status
RO
Self-clearing bit. 1: Interrupt pending.
0
13
Link state change status
RO
Self-clearing bit. 1: Interrupt pending.
0
12
FDX state change status
RO
Self-clearing bit. 1: Interrupt pending.
0
11
Autonegotiation error status
RO
Self-clearing bit. 1: Interrupt pending.
0
10
Autonegotiation complete status
RO
Self-clearing bit. 1: Interrupt pending.
0
9
Inline powered device detect status RO
Self-clearing bit. 1: Interrupt pending.
0
8
Symbol error status
RO
Self-clearing bit. 1: Interrupt pending.
0
7
Fast link failure detect status
RO
Self-clearing bit. 1: Interrupt pending.
0
6
Wake-on-LAN event status
RO
Self-clearing bit. 1: Interrupt pending.
0
5
Extended interrupt status
RO
Self-clearing bit. 1: Interrupt pending.
0
4
Reserved
RO
Reserved.
3
False carrier interrupt status
RO
Self-clearing bit. 1: Interrupt pending.
0
2
Reserved
RO
Reserved.
1
Reserved
RO
Reserved.
0
RX_ER interrupt status
RO
Self-clearing bit. 1: Interrupt pending.
0
TABLE 6-24:
AUXILIARY CONTROL AND STATUS, ADDRESS 28 (0X1C)
Bit
Name
Access
Description
Default
15
Autonegotiation complete
RO
Duplicate of bit 1.5 when auto-negotiation is
enabled, otherwise this is the current link sta-
tus.
0
14
Autonegotiation disabled
RO
Inverted duplicate of bit 0.12.
0
13
HP Auto-MDIX crossover indication
RO
1: HP Auto-MDIX crossover performed inter-
nally.
0
12
Reserved
RO
Reserved.
11
A polarity inversion
RO
1: Polarity swap on pair A.
0
10
B polarity inversion
RO
1: Polarity swap on pair B.
0
9:8 Reserved
RO
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com