Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-HP Datasheet(PDF) 62 Page - Microchip Technology

Part # VSC8540XMVRT-HP
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-HP Datasheet(HTML) 62 Page - Microchip Technology

Back Button VSC8540XMVRT-HP Datasheet HTML 58Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 59Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 60Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 61Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 62Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 63Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 64Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 65Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 87 page
background image
VSC8540RT
DS60001603E-page 62
2022 Microchip Technology Inc. and its subsidiaries
6.6.4
EEE WAKE ERROR COUNTER
This register is used by PHY types that support EEE to count wake time faults where the PHY fails to complete its normal
wake sequence within the time required for the specific PHY type. The definition of the fault event to be counted is
defined for each PHY and can occur during a refresh or a wakeup as defined by the PHY. This 16-bit counter is reset to
all zeros when the EEE wake error counter is read or when the PHY undergoes hardware or software reset.
6.6.5
EEE ADVERTISEMENT
This register defines the EEE advertisement that is sent in the unformatted next page following a EEE technology mes-
sage code. The following table shows the bit assignments for the EEE advertisement register.
6.6.6
EEE LINK PARTNER ADVERTISEMENT
All the bits in the EEE LP advertisement register are read only. A write to the EEE LP advertisement register has no
effect. When the AN process has been completed, this register will reflect the contents of the link partner's EEE adver-
tisement register. The following table shows the bit assignments for the EEE advertisement register.
6.6.7
802.3BF REGISTERS
The following table shows the bit assignments for the 802.3bf registers. When the link is down, 0 is the value returned.
1.1801 would be device address of 1 and register address of 1801.
TABLE 6-58:
EEE WAKE ERROR COUNTER, ADDRESS 3.22
Bit
Name
Access
Description
15:0 Wake error counter RO
Count of wake time faults for a PHY
TABLE 6-59:
EEE ADVERTISEMENT, ADDRESS 7.60
Bit
Name
Access
Description
Default
15:2 Reserved
RO
Reserved.
1
100BASE-TX EEE
R/W
1: Advertise that the 100BASE-TX has EEE capability.
0: Do not advertise that the 100BASE-TX has EEE capabil-
ity.
0
0
Reserved
RO
Reserved.
TABLE 6-60:
EEE ADVERTISEMENT, ADDRESS 7.61
Bit
Name
Access
Description
15:2 Reserved
RO
Reserved.
1
100BASE-TX EEE
RO
1: Link partner is advertising EEE capability for 100BASE-TX.
0: Link partner is not advertising EEE capability for 100BASE-TX.
0
Reserved
RO
Reserved.
TABLE 6-61:
802.3BF REGISTERS
Register
Name
Function
1.1800
PMA/PMD Time Sync capable
1: PMA/PMD Time Sync Tx capable.
0: PMA/PMD Time Sync Rx capable.
1.1801
PMA/PMD delay Tx max
Tx maximum delay through PHY (PMA/PMD/PCS).
1.1803
PMA/PMD delay Tx min
Tx minimum delay through PHY (PMA/PMD/PCS).
1.1805
PMA/PMD delay Rx max
Rx maximum delay through PHY (PMA/PMD/PCS).
1.1807
PMA/PMD delay Rx min
Rx minimum delay through PHY (PMA/PMD/PCS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com