Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-HP Datasheet(PDF) 12 Page - Microchip Technology

Part # VSC8540XMVRT-HP
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-HP Datasheet(HTML) 12 Page - Microchip Technology

Back Button VSC8540XMVRT-HP Datasheet HTML 8Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 9Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 10Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 11Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 12Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 13Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 14Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 15Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 87 page
background image
VSC8540RT
DS60001603E-page 12
 2022 Microchip Technology Inc. and its subsidiaries
R/GMII
RX_CLK
32
I/O,
PD
VDDMAC
RGMII/MII receive clock output. The
logic state on this pin is latched on the
rising edge of NRESET to configure the
device. See Section 5.3, Hardware
Mode Strapping and PHY Addressing
for details.
R/GMII
RX_DV/RX_CTL
30
I/O,
PD
VDDMAC
MII receive data valid output / RGMII
receive control output. The logic state on
this pin is latched on the rising edge of
NRESET to configure the device. See
Section 5.3, Hardware Mode Strapping
and PHY Addressing for details.
R/GMII
RX_ER
31
I/O,
PD
VDDMAC
MII receive data error output. The logic
state on this pin is latched on the rising
edge of NRESET to configure the
device. See Section 5.3, Hardware
Mode Strapping and PHY Addressing
for details.
R/GMII
RXD0
29
I/O,
PD
VDDMAC
RGMII/MII data output. The logic state
on this pin is latched on the rising edge
of NRESET to configure the device. See
Section 5.3, Hardware Mode Strapping
and PHY Addressing for details.
R/GMII
RXD1
27
I/O,
PD
VDDMAC
RGMII/MII data output. The logic state
on this pin is latched on the rising edge
of NRESET to configure the device. See
Section 5.3, Hardware Mode Strapping
and PHY Addressing for details.
R/GMII
RXD2
26
I/O,
PD
VDDMAC
RGMII/MII data output. The logic state
on this pin is latched on the rising edge
of NRESET to configure the device. See
Section 5.3, Hardware Mode Strapping
and PHY Addressing for details.
R/GMII
RXD3
25
I/O,
PD
VDDMAC
RGMII/MII data output. The logic state
on this pin is latched on the rising edge
of NRESET to configure the device. See
Section 5.3, Hardware Mode Strapping
and PHY Addressing for details.
R/GMII
TX_CLK
37
I, PD
VDDMAC
RGMII transmit clock input
R/GMII
TX_EN/TX_CTL
33
I, PD
VDDMAC
MII transmit data enable input/RGMII
transmit data control input
R/GMII
TX_ER
35
I, PD
VDDMAC
MII transmit data error input
R/GMII
TXD0
38
I, PD
VDDMAC
RGMII/MII data input
R/GMII
TXD1
40
I, PD
VDDMAC
RGMII/MII data input
R/GMII
TXD2
41
I, PD
VDDMAC
RGMII/MII data input
R/GMII
TXD3
42
I, PD
VDDMAC
RGMII/MII data input
TABLE 3-2:
PINS BY FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com