Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-HP Datasheet(PDF) 10 Page - Microchip Technology

Part # VSC8540XMVRT-HP
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-HP Datasheet(HTML) 10 Page - Microchip Technology

Back Button VSC8540XMVRT-HP Datasheet HTML 6Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 7Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 8Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 9Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 10Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 11Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 12Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 13Page - Microchip Technology VSC8540XMVRT-HP Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
VSC8540RT
DS60001603E-page 10
 2022 Microchip Technology Inc. and its subsidiaries
Miscellaneous
THERMDA
15
A
VDD25A
Thermal Diode Anode
Miscellaneous
THERMDC_VSS
16
A
VDD25A
Thermal Diode Cathode connected to
device ground. Temperature sensor
must be chosen accordingly.
PHY Configuration CLK_SQUELCH_IN 57
I, PD
VDDIO
Input control to squelch recovered clock
PHY Configuration CLKOUT
54
I/O,
PD
VDDIO
Clock output, can be enabled or
disabled. Output a clock based on the
local reference clock with programmable
frequency. This pin is not active when
NRESET is asserted and is disabled by
default. When disabled, the pin is held
low. The logic state on this pin is latched
on the rising edge of NRESET to
configure
CLKOUT
output.
See
Section 5.3, Hardware Mode Strapping
and PHY Addressing for details.
PHY Configuration COMA_MODE
56
I/O,
PU
VDDIO
When this pin is asserted high, PHY is
held in a powered down state. When de-
asserted low, PHY is powered up and
resumes normal operation. This signal is
also used to synchronize the operation
of multiple chips on the same PCB to
provide visual synchronization for LEDs
driven by separate chips.
PHY Configuration FASTLINK_FAIL
52
O
VDDIO
Fast link failure indication signal
PHY Configuration LED0
60
O
VDDIO
LED direct drive outputs. All LED pins
are active low. LED_DATA output in
serial LED mode.
PHY Configuration LED1
59
O
VDDIO
LED direct drive outputs. All LED pins
are active low. LED_CLK output in serial
LED mode.
PHY Configuration NRESET
53
I, PD
VDDIO
Device reset. Active low input that
powers down the device and sets all
register bits to their default state.
PHY Configuration RCVRD_CLK
55
O
VDDIO
Recovered clock output, can be enabled
or disabled. Output a clock based on the
selected
active
media
with
programmable frequency. This pin is not
active when NRESET is asserted. When
disabled, the pin is held low.
PHY Configuration REFCLK_SEL_0
62
I, PU
VDDIO
Reference clock mode/frequency select
signal
PHY Configuration REFCLK_SEL_1
61
I, PU
VDDIO
Reference clock mode/frequency select
signal
PHY Configuration XTAL1
63
I
VDD25A
Crystal/single ended reference clock
input
TABLE 3-2:
PINS BY FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com