Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DAZ Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCA8530DUG/DAZ
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DAZ Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCA8530DUG/DAZ Datasheet HTML 19Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 20Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 21Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 22Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 23Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 24Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 25Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 26Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
23 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
The Frame-frequency command allows configuring the frame frequency in the range of
45 Hz to 300 Hz with steps of
• 5 Hz from 45 Hz to 100 Hz
• 10 Hz from 100 Hz to 300 Hz
The frame frequency of 80 Hz is factory calibrated with a tolerance of
3Hz at 25 C.
Table 24.
Clock and frame frequency values
Duty cycle definition: % HIGH-level time : % LOW-level time.
FF[4:0]
Frame frequency (Hz)
Clock frequency (Hz)
Typical duty cycle (%)
00000
45
6472
29 : 71
00001
50
7200
20 : 80
00010
55
7945
12 : 88
00011
60
8662
4 : 96
00100
65
9366
48 : 52
00101
70
10105
44 : 56
00110
75
10766
41 : 59
00111
80
11520
36 : 64
01000
85
12255
32 : 68
01001
90
12944
29 : 71
01010
95
13714
24 : 76
01011
100
14400
20 : 80
01100
110
15781
13 : 87
01101
120
17194
5 : 95
01110
130
18581
49 : 51
01111
140
20211
44 : 56
10000
150
21736
40 : 60
10001
160
23040
36 : 64
10010
170
24511
32 : 68
10011
180
26182
28 : 72
10100
190
27429
24 : 76
10101
200
28800
20 : 80
10110
210
30316
16 : 84
10111
220
32000
12 : 88
11000
230
32914
9 : 91
11001
240
34909
4 : 96
11010
250
36000
50 : 50
11011
260
37161
49 : 51
11100
270
38400
47 : 53
11101
280
39724
45 : 55
11110
290
41143
43 : 57
11111
300
42667
41 : 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com