Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DAZ Datasheet(PDF) 61 Page - NXP Semiconductors

Part # PCA8530DUG/DAZ
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DAZ Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button PCA8530DUG/DAZ Datasheet HTML 57Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 58Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 59Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 60Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 61Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 62Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 63Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 64Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
61 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
9.3 SPI interface
The SPI interface is selected by connecting pin IFS to VSS1.
Data transfer to the device is made via a four-line SPI-bus (see Table 45). The SPI-bus is
initialized whenever the chip enable line pin CE is LOW.
[1]
The chip enable must not be wired permanently LOW.
9.3.1 Data transmission
The chip enable signal (CE) is used to initialize data transmission. Each data transfer is a
byte, with the MSB sent first. The first byte transmitted is the subaddress byte.
The subaddress byte opens the communication with a read/write bit and a subaddress.
The subaddress is used to identify multiple devices on one SPI bus.
Figure 40 shows an example of an SPI data transfer.
Table 45.
Serial interface
Symbol
Function
Description
CE
chip enable input;
active LOW[1]
when HIGH, the interface is reset
SCL
serial clock input
input may be higher than VDD1
SDI/SDAIN serial data input
input may be higher than VDD1;
input data is sampled on the rising edge of SCL
SDO
serial data output
-
Fig 39. SPI-bus protocol - data transfer overview
Table 46.
Subaddress byte definition
Bit
Symbol
Value
Description
7R/W
data read or write selection
0
write data
1
read data
6to5
SA
01
subaddress; other codes cause the device to
ignore data transfer
4to0
-
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com