Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DAZ Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA8530DUG/DAZ
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DAZ Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA8530DUG/DAZ Datasheet HTML 7Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 8Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 9Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 10Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 11Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 12Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 13Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 14Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
11 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
8.2.3 Command: Device-address
The Device-address command allows setting the address of the device in a cascaded
configuration and corresponds with pins A0 and A1 (see Section 15.2 on page 80).
8.2.4 Command: SYNC1_pin
With the SYNC1_pin command, the SYNC1 pin can be configured for using the PCA8530
as a single chip or a master in a cascade. If the PCA8530 is a slave in a cascade, the
command has no effect.
Table 8.
Device-address - device address command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 2
-
000110
fixed value
1 to 0
A[1:0]
set address
00
master
01
slave 1
10
slave 2
11
slave 3
Table 9.
SYNC1_pin - SYNC1 pin configuration command bit description
This command has no effect if the PCA8530 is a slave in a cascade.
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 1
-
1011100
fixed value
0OE
SYNC1 pin configuration
0
pin SYNC1 is an output;
gated to 0 V;
to be used when PCA8530 is a single chip
1
pin SYNC1 is an output;
providing the synchronization signal;
to be used when PCA8530 is a master in a
cascade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com