Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DAZ Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCA8530DUG/DAZ
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DAZ Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCA8530DUG/DAZ Datasheet HTML 34Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 35Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 36Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 37Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 38Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 39Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 40Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 41Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
38 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
It has to be considered that the driving capability of the charge pump is depending on the
resistance of the Indium Tin Oxide (ITO) tracks, see Figure 20 and Figure 19.
Conditions: VDD2 = 5.0 V, RITO(VSS2), RITO(VDD2), RITO(VLCDOUT) =50 , Tamb =27 C.
Charge pump configuration:
(1) VLCD =2  VDD2.
(2) VLCD =3  VDD2.
(3) VLCD =4  VDD2.
(4) VLCD =5  VDD2.
Iload is the overall current sink by the segment and backplane outputs depending on the display,
plus the on-chip VLCD current consumption.
Reading example: VLCD can be programmed to 10 V by using the charge pump configuration (2)
or (3). With configuration (2), VLCD can be programmed to 10 V for a current load up to about
780
A. With configuration (3), V
LCD can be programmed to 10 V for a current load up to about
940
A.
Remark: The charge pump configuration (4) has no benefit compared to configuration (3) and is
therefore not recommended when VDD2 =5.0 V.
Fig 18. Charge pump driving capability with VDD2 =5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com