Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DAZ Datasheet(PDF) 67 Page - NXP Semiconductors

Part # PCA8530DUG/DAZ
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DAZ Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button PCA8530DUG/DAZ Datasheet HTML 63Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 64Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 65Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 66Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 67Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 68Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 69Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 70Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
67 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
Accuracy
V
LCD
LCD voltage variation
on pin VLCDOUT;
internal VLCD;
V[8:0] = 86h;
Tamb =25 C;
see Figure 48
7950
8010
8070
mV
f
fr
frame frequency variation
internal clock;
FF[4:0] = 00111;
Tamb =25 C;
see Figure 49
77
80
83
Hz
T
meas
measurement temperature
variation
see Figure 50
-
0-
C
Output resistance
Ro(COM[0:8]) output resistance on pin
COM0 to COM3
external VLCD =8 V
-
1
-
k
Ro(S[0:101])
output resistance on pin S0
to S101
external VLCD =8 V
-
2.5
-
k
Logic
On pins CLK, OSC, A0, A1, SYNC0, SYNC1, RST, IFS
VI
input voltage
VSS1  0.5 -
VDD1 + 0.5 V
VIL
LOW-level input voltage
-
-
0.3VDD1
V
VIH
HIGH-level input voltage
0.7VDD1
--
V
ILI
input leakage current
VI = VDD1 or VSS1
-0
-
A
On pins CLK, SYNC0, SYNC1
VO
output voltage
0.5
-
VDD1 + 0.5 V
VOH
HIGH-level output voltage
0.8VDD1
--
V
VOL
LOW-level output voltage
-
-
0.2VDD1
V
IOH
HIGH-level output current
output source current;
VOH =4.6 V;
VDD1 =5V
1-
-
mA
IOL
LOW-level output current
output sink current;
VOL =0.4 V;
VDD1 =5V
1-
-
mA
ILO
output leakage current
VO = VDD1 or VSS1
-0
-
A
I2C-bus
On pins SCL, SDI/SDAIN
VI
input voltage
VSS1  0.5 -
5.5
V
VIL
LOW-level input voltage
-
-
0.3VDD1
V
VIH
HIGH-level input voltage
0.7VDD1
--
V
ILI
input leakage current
VI = VDD1 or VSS1
-0
-
A
On pin SDAOUT
VO
output voltage
0.5
-
+5.5
V
IOL
LOW-level output current
output sink current;
VOL =0.4 V
6-
-
mA
Table 48.
Static characteristics …continued
VDD1, VDD2, VDD3 = 2.5 V to 5.5 V; VSS1 = 0 V; VLCD = 4.0 V to 12.0 V; Tamb = 40 C to +105 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com