Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DAZ Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCA8530DUG/DAZ
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DAZ Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCA8530DUG/DAZ Datasheet HTML 29Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 30Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 31Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 32Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 33Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 34Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 35Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 36Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
33 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
The host microcontroller maintains the communication channel with the PCA8530. The
only other connections required to complete the system are the power supplies, the VLCD
pins, the external capacitors, and the LCD panel selected for the application. The
appropriate biasing voltages for the multiplexed LCD waveforms are generated internally.
VDD1 to VDD3 from 2.5 V to 5.5 V.
VDD1 to VDD3 can be connected to the same power supply.
VSS1 to VSS3 can be connected to the same ground supply.
Fig 12. Typical system configuration if using the internal VLCD generation and I2C-bus
VDD1 to VDD3 from 2.5 V to 5.5 V.
VDD1 to VDD3 can be connected to the same power supply.
VSS1 to VSS3 can be connected to the same ground supply.
Fig 13. Typical system configuration if using the external VLCD and SPI-bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com