Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DAZ Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCA8530DUG/DAZ
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DAZ Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCA8530DUG/DAZ Datasheet HTML 33Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 34Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 35Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 36Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 37Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 38Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 39Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 40Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
37 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
Remark: The PCA8530 has a built-in automatic limitation of VLCD, set to 12 V. The
maximum VLCD that can be programmed is expressed by the following equation:
, where n is the multiplication factor of
the charge pump. Iload is the overall current sink by the segments and backplanes outputs
depending on the display, plus the on-chip VLCD current consumption.
With these values, it can be calculated how much current the charge pump can drive
under certain conditions, as shown in Figure 17 and Figure 18.
Table 31.
Output resistance of the charge pump
RITO(VSS2), RITO(VDD2), RITO(VLCDOUT) =50 .
Charge pump configuration
Ro(VLCDOUT) (typical)
Unit
VLCD =2  VDD2
2.5
k
VLCD =3  VDD2
6k
VLCD =4  VDD2
10.5
k
VLCD =5  VDD2
18
k
Conditions: VDD2 = 3.0 V, RITO(VSS2), RITO(VDD2), RITO(VLCDOUT) =50 , Tamb =27 C.
Charge pump configuration:
(1) VLCD =2  VDD2.
(2) VLCD =3  VDD2.
(3) VLCD =4  VDD2.
(4) VLCD =5  VDD2.
Iload is the overall current sink by the segments and backplanes outputs depending on the display,
plus the on-chip VLCD current consumption.
Reading example: VLCD can be programmed to 10 V by using the charge pump configuration (3)
or (4). With configuration (3), VLCD can be programmed to 10 V for a current load up to about
120
A. With configuration (4), V
LCD can be programmed to 10 V for a current load up to about
260
A.
Remark: Only the charge pump configuration (4) allows programming VLCD = 12 V when
VDD2 =3.0 V.
Fig 17. Charge pump driving capability with VDD2 =3.0 V
V
LCD max

min 12 V, n
V
DD2
R
o VLCDOUT

I
load
–

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com