Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DAZ Datasheet(PDF) 54 Page - NXP Semiconductors

Part # PCA8530DUG/DAZ
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DAZ Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button PCA8530DUG/DAZ Datasheet HTML 50Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 51Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 52Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 53Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 54Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 55Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 56Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 57Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
54 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
In the 1:2 multiplex mode, the bank-select command may request the contents of bank 2
to be selected for display instead of the contents of bank 0. This gives the provision for
preparing display information in an alternative bank and to be able to switch to it once it is
assembled.
In Figure 31 an example is shown for 1:2 multiplex drive mode where the displayed data is
read from the first two rows of the memory (bank 0), while the transmitted data is stored in
the second two rows of the memory (bank 1).
8.14.3.1
Input-bank-select
The Input-bank-select command (see Table 26 on page 24) loads display data into the
display RAM in accordance with the selected LCD drive configuration (see Figure 29 on
page 53).
• In static drive mode, an individual content can be stored in each RAM bank (bank 0 to
bank 3 which corresponds to row 0 and row 3).
• In 1:2 multiplex drive mode, individual content for RAM bank 0 (row 0 and row 1),
RAM bank 2 (row 2 and row 3) can be stored.
The Input-bank-select command works independently to the Output-bank-select
command.
8.14.3.2
Output-bank-select
The Output-bank-select command (see Table 27 on page 25) selects the display RAM
transferring it to the display register in accordance with the selected LCD drive
configuration (see Figure 29 on page 53).
Fig 30. Bank selection in multiplex drive mode 1:2
Fig 31. Example of the Bank-select command with multiplex drive mode 1:2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com