Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DAZ Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PCA8530DUG/DAZ
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DAZ Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PCA8530DUG/DAZ Datasheet HTML 49Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 50Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 51Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 52Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 53Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 54Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 55Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 56Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
53 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
8.14.2.3
RAM filling in 1:4 multiplex drive mode
In the 1:4 multiplex drive mode the eight transmitted data bits are placed in two
successive display RAM columns of four rows (see Table 41).
In order to fill the whole four RAM rows 51 bytes need to be sent to the PCA8530.
Depending on the start address of the data pointer, there is the possibility for a boundary
condition. This occurs when more data bits are sent than fit into the remaining RAM. The
additional data bits are discarded.
8.14.3 Bank selection
The PCA8530 includes a RAM bank switching feature in the static and 1:2 multiplex drive
modes. A bank can be thought of as a RAM row or a collection of RAM rows. The RAM
bank switching gives the provision for preparing display information in an alternative bank
and to be able to switch to it once it is complete. Figure 29 shows the location of the banks
relative to the RAM map.
Input and output banks can be set independently from one another with the bank-select
commands (see Section 8.7.2 on page 24). Figure 31 shows the concept.
Table 41.
RAM filling in 1:4 multiplex drive mode
RAM row/
backplane
output
(COM)
RAM column/Segment output (S)
0
1
2
3
:
99
100
101
0
aa7
aa3
ab7
ab3
:
bx3
by7
by3
1
aa6
aa2
ab6
ab2
:
bx2
by6
by2
2
aa5
aa1
ab5
ab1
:
bx1
by5
by1
3
aa4
aa0
ab4
ab0
bx0
by4
by0
The display RAM bitmap shows the direct relationship between the display RAM column and the
segment outputs, between the bits in a RAM row and the backplane outputs, and between the
RAM rows and banks.
Fig 29. Display RAM bitmap and bank definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com