Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DAZ Datasheet(PDF) 52 Page - NXP Semiconductors

Part # PCA8530DUG/DAZ
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DAZ Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button PCA8530DUG/DAZ Datasheet HTML 48Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 49Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 50Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 51Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 52Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 53Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 54Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 55Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
52 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
Storage is allowed only when the content of the device address register matches with the
hardware device address applied to A0 and A1 (see Section 8.2.3). If the content of the
device address register and the hardware device address do not match, then data storage
is inhibited but the data pointer is incremented as if data storage had taken place.
8.14.2 RAM filling
For the following examples showing the RAM filling patterns, it is assumed that the bits
shown in Table 38 are transferred to the RAM.
8.14.2.1
RAM filling in static drive mode
In the static drive mode, the eight transmitted data bits are placed in eight successive
display RAM columns in row 0 (see Table 39).
In order to fill the whole RAM row, 13 bytes must be sent to the PCA8530. Any data bits
that spill over the RAM and additional data bytes sent are discarded.
8.14.2.2
RAM filling in 1:2 multiplex drive mode
In the 1:2 multiplex drive mode the eight transmitted data bits are placed in four
successive display RAM columns of two rows (see Table 40).
In order to fill the whole two RAM rows 26 bytes need to be sent to the PCA8530. Any
data bits that spill over the RAM and additional data bytes sent are discarded.
Table 38.
Bit scheme used to illustrate the RAM filling patterns
Bit 7
MSB
6
5
4
3
2
1
0
LSB
Byte
1
aa7
aa6
aa5
aa4
aa3
aa2
aa1
aa0
2
ab7
ab6
ab5
ab4
ab3
ab2
ab1
ab0
:
:
:
:::::
:
51
by7
by6
by5
by4
by3
by2
by1
by0
Table 39.
RAM filling in static drive mode
RAM row/
backplane
output
(COM)
RAM column/Segment output (S)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
:
99
100
101
0
aa7 aa6 aa5 aa4 aa3 aa2 aa1 aa0 ab7 ab6 ab5 ab4 ab3 ab2 ab1 ab0 :
am4 am3 am2
1
----------------:
-
-
-
2
----------------:
-
-
-
3
----------------:
-
-
-
Table 40.
RAM filling in 1:2 multiplex drive mode
RAM row/
backplane
output
(COM)
RAM column/Segment output (S)
0
1
2
3
4
5
6
7
:
99
100
101
0
aa7
aa5
aa3
aa1
ab7
ab5
ab3
ab1
:
ay1
az7
az5
1
aa6
aa4
aa2
aa0
ab6
ab4
ab2
ab0
:
ay0
az6
az4
2
--
-
-
--
--
:
---
3
--
-
-
--
--
:
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com