Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DAZ Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCA8530DUG/DAZ
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DAZ Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCA8530DUG/DAZ Datasheet HTML 21Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 22Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 23Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 24Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 25Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 26Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 27Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 28Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
25 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
8.7.2.2
Command: Output-bank-select
8.7.3 Command: Data-pointer
The Data-pointer command defines the display RAM address where the following display
data are sent to. For setting the data pointer always the three commands Data-pointer-init,
Data-pointer-MSB and Data-pointer-LSB have to be sent.
Table 27.
Output-bank-select - output bank select command bit description
This command is not applicable for multiplex drive mode 1:4.
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 2
-
000100
fixed value
1 to 0
OB[1:0]
selects RAM bank to read from to the LCD
static drive mode
1:2 drive mode
00
bank 0: RAM-row 0
bank 0: RAM-rows 0
and 1
01
bank 1: RAM-row 1
10
bank 2: RAM-row 2
bank 2: RAM-rows 2
and 3
11
bank 3: RAM-row 3
Table 28.
Data-pointer - set data pointer command bit description
For further information about the RAM, see Section 8.14 on page 51.
Bit
Symbol
Value
Description
Data-pointer-init
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 0
-
10100000
fixed value
Data-pointer-MSB: PX[6:4]
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 3
-
10000
fixed value
2 to 0
PX[6:4]
000 to 111
3-bit binary value
Data-pointer-LSB: PX[3:0]
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 4
-
1001
fixed value
3 to 0
PX[3:0]
0000 to 1111
4-bit binary value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com