Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF405 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MICRF405
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MICRF405 Datasheet HTML 11Page - Micrel Semiconductor MICRF405 Datasheet HTML 12Page - Micrel Semiconductor MICRF405 Datasheet HTML 13Page - Micrel Semiconductor MICRF405 Datasheet HTML 14Page - Micrel Semiconductor MICRF405 Datasheet HTML 15Page - Micrel Semiconductor MICRF405 Datasheet HTML 16Page - Micrel Semiconductor MICRF405 Datasheet HTML 17Page - Micrel Semiconductor MICRF405 Datasheet HTML 18Page - Micrel Semiconductor MICRF405 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
Micrel
MICRF405
April 2006
15
M9999-041906
(408) 955-1690
How to transmit a Packet with the Packet Engine:
YES
NO
NO
YES
TURN on
PA
PLL IN LOCK?
[LD=”1"]
Send
data
CALL PROG
[TX]
PLL IN LOCK?
[LD=”1"]
NO
YES
INIT WRITE
SEQUENCE
[SET SEN=”0"]
INIT TX BUFFER
[WRITE ADDR 29,
R/W =”0"]
WRITE FRAME
LENGTH
i=0
RDY = falling
edge?
WRITE PAYLOAD
BYTE i
i=n?
END TX msg
sequence
[SEN=”1"]
CALL PROG
[Power down]
END
MICRF405 waits for
the PLL to lock;
LD=”1", Turns on PA
and waits for the PLL
to lock with PA on;
”LD=1", then start to
send Preamble,
SyncID and Frame
length.
PROG
INIT WRITE
SEQUENCE
[SET SEN=”0"]
WRITE CONTROL
WORD
[ADDRESS + R/W +
CONTROL WORD]
LOAD CONTROL
WORD
[SET SEN=”1"]
RETURN
Control word, e.g:
TX mode:
Mode1-0=3 [TX]
PA_LDc=”1"[Turns on PA
stage when PLL is in lock]
MOD_LDc_en=”1"
[Modulation starts once
frame length is written into
data byte and PA is turned
on and LD is high.]
PA_FEc_en=”1" [The PA is
turned off immediately after
last bit in packet is sent.]
Power down mode:
Mode1-0=0
MICRF405 INTERNAL PROCESS
i=1+1
NO
YES
Wait for [2 +
number of CRC
bytes] falling edge
of RDY. Then wait
1 bit periode.
MICRF405 starts the
XCO. When XCO is
stable the MICRF405
powers up the LDOs
and starts the PLL.
Figure 6. Flowchart of Transmitting a Packet Using the Packet Engine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com