Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF405 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MICRF405
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MICRF405 Datasheet HTML 13Page - Micrel Semiconductor MICRF405 Datasheet HTML 14Page - Micrel Semiconductor MICRF405 Datasheet HTML 15Page - Micrel Semiconductor MICRF405 Datasheet HTML 16Page - Micrel Semiconductor MICRF405 Datasheet HTML 17Page - Micrel Semiconductor MICRF405 Datasheet HTML 18Page - Micrel Semiconductor MICRF405 Datasheet HTML 19Page - Micrel Semiconductor MICRF405 Datasheet HTML 20Page - Micrel Semiconductor MICRF405 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
Micrel
MICRF405
April 2006
17
M9999-041906
(408) 955-1690
Figure 7. Sequence of a Typical Packet Transfer.
Programming Summary
• Use SEN, SCK, and SIO to get access to the
control registers in MICRF405.
• SCK is user-controlled.
• Write to the MICRF405 on positive edges
(MICRF405 reads on negative edges).
• Read from the MICRF405 on negative edges
(MICRF405 writes on positive edges)
• Address field is 7 bits long. Enter MSB first.
• R/W bit is “1” for read and “0” for write.
• Address and R/W bit together make 1 octet
• Enter/read MSB in every octet first.
• Always write 8 bits to/read 8 bits from a control
register. This is the case for registers with less
than 8 used bits as well.
• Writing: Bring SEN low, write address and R/W
bit followed by the new values to fill into the
addressed control register(s) and bring SEN
high for loading, i.e. activation of the new control
register values (“Load_en” = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com