Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF405 Datasheet(PDF) 19 Page - Micrel Semiconductor

Part # MICRF405
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405 Datasheet(HTML) 19 Page - Micrel Semiconductor

Back Button MICRF405 Datasheet HTML 15Page - Micrel Semiconductor MICRF405 Datasheet HTML 16Page - Micrel Semiconductor MICRF405 Datasheet HTML 17Page - Micrel Semiconductor MICRF405 Datasheet HTML 18Page - Micrel Semiconductor MICRF405 Datasheet HTML 19Page - Micrel Semiconductor MICRF405 Datasheet HTML 20Page - Micrel Semiconductor MICRF405 Datasheet HTML 21Page - Micrel Semiconductor MICRF405 Datasheet HTML 22Page - Micrel Semiconductor MICRF405 Datasheet HTML 23Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
Micrel
MICRF405
April 2006
19
M9999-041906
(408) 955-1690
Power level
(PAx)
915MHz
434MHz
315MHz
Pout (dBm)
IVDD (mA)
Pout (dBm)
IVDD (mA)
Pout (dBm)
IVDD (mA)
7
10.0
17.5
10.3
16.8
10.5
16.4
6
5.8
13.2
7.0
13.0
8.6
13.3
5
3.1
11.5
4.3
11.6
5.7
11.5
4
0.5
10.5
1.7
10.6
2.8
10.2
3
-1.9
9.9
-1.1
10.0
-0.1
9.3
2
-4.2
9.5
-3.8
9.5
-3.2
8.6
1
-6.7
9.1
-6.8
9.2
-6.5
8.2
0
-9.2
8.9
-9.8
9.0
-9.7
7.9
PA off
5.4
6.1
5.4
Table 11. Output Power and Current Consumption vs. Power Level Setting (PA2..PA1) for 315, 434 and 915MHz.
Frequency Synthesizer
Adr
Data
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000001
-
-
A0_5=0
A0_4=0
A0_3=1
A0_2=1
A0_1=1
A0_0=0
0000010
-
-
-
-
N0_11=0
N0_10=0
N0_9=0
N0_8=0
0000011
N0_7=0
N0_6=1
N0_5=1
N0_4=1
N0_3=0
N0_2=0
N0_1=1
N0_0=1
0000100
-
-
-
-
M0_11=0
M0_10=0
M0_9=0
M0_8=0
0000101
M0_7=0
M0_6=0
M0_5=1
M0_4=0
M0_3=0
M0_2=0
M0_1=0
M0_0=1
0000110
-
-
A1_5=0
A1_4=1
A1_3=1
A1_2=1
A1_1=1
A1_0=1
0000111
-
-
-
-
N1_11=0
N1_10=0
N1_9=0
N1_8=0
0001000
N1_7=0
N1_6=1
N1_5=1
N1_4=0
N1_3=1
N1_2=1
N1_1=1
N1_0=1
0001001
-
-
-
-
M1_11=0
M1_10=0
M1_9=0
M1_8=0
0001010
M1_7=0
M1_6=0
M1_5=1
M1_4=0
M1_3=0
M1_2=0
M1_1=0
M1_0=0
0010000
‘0’
Prescaler_Sel=0
FSKClk_K5=1
FSKClk_K4=1
FSKClk_K3=0
FSKClk_K2=1
FSKClk_K1=0
FSKClk_K0=0
Figure 8. PLL Block Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com