Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF405 Datasheet(PDF) 36 Page - Micrel Semiconductor

Part # MICRF405
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405 Datasheet(HTML) 36 Page - Micrel Semiconductor

Back Button MICRF405 Datasheet HTML 32Page - Micrel Semiconductor MICRF405 Datasheet HTML 33Page - Micrel Semiconductor MICRF405 Datasheet HTML 34Page - Micrel Semiconductor MICRF405 Datasheet HTML 35Page - Micrel Semiconductor MICRF405 Datasheet HTML 36Page - Micrel Semiconductor MICRF405 Datasheet HTML 37Page - Micrel Semiconductor MICRF405 Datasheet HTML 38Page - Micrel Semiconductor MICRF405 Datasheet HTML 39Page - Micrel Semiconductor MICRF405 Datasheet HTML 40Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
Micrel
MICRF405
April 2006
36
M9999-041906
(408) 955-1690
ASK2
ASK1
ASK0
State
0
0
0
3dB ASK depth
0
0
1
6dB ASK depth
0
1
0
9dB ASK depth
0
1
1
12dB ASK depth
1
0
0
15dB ASK depth
1
0
1
18dB ASK depth
1
1
0
21dB ASK depth
1
1
1
> 30dB ASK depth
Table 25. ASK Modulation Depth When PA[2:0]=7.
ASKshape
Comments
0..7
Programmable ASK filter. It can be programmed in eight steps. “0” is no shaping, “7” most shaping.
Table 26. ASK Shaping/Filtering.
XCOtune
Comments
0..31
Programmable XCO load capacitor
Table 27. XCO Capacitor Setting.
XCO_Fast
Comments
0
The XCO is running on a constant bias current.
1
When going from PD to TX mode, the XCO is running on a high current during start up.
Table 28. XCO Fast Startup.
Low_Batt_en
LowBatt_level
LDO_by
Comments
0
X
X
Low battery detect circuit off
1
0
0
Low battery detect circuit active. Interrupt is flagged if VDD falls below
2V.
1
1
0
Low battery detect circuit active. Interrupt is flagged if VDD falls below
2.1V.
1
0
1
Low battery detect circuit active. Interrupt is flagged if VDD falls below
1.8V.
1
1
1
Low battery detect circuit active. Interrupt is flagged if VDD falls below
1.9V.
Table 29. Low Battery Detect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com