Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF405 Datasheet(PDF) 35 Page - Micrel Semiconductor

Part # MICRF405
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405 Datasheet(HTML) 35 Page - Micrel Semiconductor

Back Button MICRF405 Datasheet HTML 31Page - Micrel Semiconductor MICRF405 Datasheet HTML 32Page - Micrel Semiconductor MICRF405 Datasheet HTML 33Page - Micrel Semiconductor MICRF405 Datasheet HTML 34Page - Micrel Semiconductor MICRF405 Datasheet HTML 35Page - Micrel Semiconductor MICRF405 Datasheet HTML 36Page - Micrel Semiconductor MICRF405 Datasheet HTML 37Page - Micrel Semiconductor MICRF405 Datasheet HTML 38Page - Micrel Semiconductor MICRF405 Datasheet HTML 39Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
Micrel
MICRF405
April 2006
35
M9999-041906
(408) 955-1690
PA2
PA1
PA0
State
0
0
0
21dB attenuation or PA off if PA_LDc_en=0
0
0
1
18dB attenuation
0
1
0
15dB attenuation
0
1
1
12dB attenuation
1
0
0
9dB attenuation
1
0
1
6dB attenuation
1
1
0
3dB attenuation
1
1
1
Max output
Table 21. Power Amplifier.
ClkOut_en
ClkOut_1
ClkOut_0
State
Comments
0
X
X
CLKOUT off
Output is 0 volt.
1
0
0
CLKOUT on
The XCO frequency is divided by 16.
1
0
1
CLKOUT on
The XCO frequency is divided by 8.
1
1
0
CLKOUT on
The XCO frequency is divided by 4.
1
1
1
CLKOUT on
The XCO frequency is divided by 2.
Table 22. Output Clock.
Bit_IO_en
Sync_en
State
Comments
0
X
DCLK pin on, RDY
Byte ready, RDY, signal from databyte
1
0
DCLK pin off
Transparent transmission of data
1
1
DCLK pin on, DATACLK
Bit-clock is generated by transmitter
Table 23. Synchronizer Mode
ASK_EN
Modulation1
Modulation0
State
Comments
0
0
0
Closed loop VCO-modulation
VCO is phase-locked
0
0
1
Open loop VCO-modulation
VCO is free-running
0
1
0
Modulation by A,M and N
Modulation inside PLL
0
1
1
Not used
1
0
0
ASK modulation with spreading code applied to
VCO. Not recommended.
VCO is phase-locked
1
0
1
ASK modulation with spreading code applied to
VCO. Not recommended.
VCO is free-running
1
1
0
ASK modulation with spreading code applied to
internal modulation by A, M and M
Modulation inside PLL
1
1
1
ASK modulation
VCO is phase-locked
Table 24. Modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com