Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF405 Datasheet(PDF) 39 Page - Micrel Semiconductor

Part # MICRF405
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405 Datasheet(HTML) 39 Page - Micrel Semiconductor

Back Button MICRF405 Datasheet HTML 35Page - Micrel Semiconductor MICRF405 Datasheet HTML 36Page - Micrel Semiconductor MICRF405 Datasheet HTML 37Page - Micrel Semiconductor MICRF405 Datasheet HTML 38Page - Micrel Semiconductor MICRF405 Datasheet HTML 39Page - Micrel Semiconductor MICRF405 Datasheet HTML 40Page - Micrel Semiconductor MICRF405 Datasheet HTML 41Page - Micrel Semiconductor MICRF405 Datasheet HTML 42Page - Micrel Semiconductor MICRF405 Datasheet HTML 43Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Micrel
MICRF405
April 2006
39
M9999-041906
(408) 955-1690
MOD_F
Comments
0..3
Programmable smoothing filter after attenuator. This can be programmed in four steps, and will produce
reasonable results for the highest bit rates.
Table 42. Modulator Filter Setting.
FSKn
Comments
0..5
The bit rate clock is set by dividing the crystal oscillator frequency by FSKClk_K*2^(3+FSKn).
Table 43. Bit Rate Setting.
FSKClk_K
Comments
1..63
The crystal oscillator is divided by this number to produce modulator clock and it is divided further down by
2^(3+FSKn) to produce the bit rate clock.
Table 44. Modulator and Bit Rate Clock Setting.
ASKn
Comments
0..3
The ASK bitrate clock is set by dividing the crystal oscillator frequency by ASKClk_K*2^(5+ASKn)
Table 45. Bit Rate Setting.
ASKClk_K
Comments
1..63
The crystal oscillator is divided by this number and is divided further down by 2^(5+ASKn) to produce the
ASK bitrate clock.
Table 46. Modulator and Bit Rate Clock Setting.
ASK_PN_en
Comments
0
01010101…pattern is used in the FSK spreader during ASK.
1
111101011001000 repeated pattern is used in the FSK spreader during ASK.
Table 47. ASK Spreading.
VCO_IB2
VCO_IB1
VCO_IB0
Comments
1
1
1
Bias setting for VCO_Freq=0/1, 860 MHz
1
0
1
Bias setting for VCO_Freq=2/3, 868 MHz
0
1
1
Bias setting for VCO_Freq=4/5, 915 MHz
0
0
0
Bias setting for VCO_Freq=6/7, 950 MHz (**)
(**): When VCO_IB=000b, the bias current is set automatically by the two VCO_freq bit.
Table 48. VCO Bias Bit.
VCO_by
State
Comment
0
VCO is active
1
VCO is bypassed
When VCO is bypassed, a differential signal can be applied to the circuit using
pin CPOUT and VARIN
Table 49. VCO Bypass Bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com