Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF405 Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MICRF405
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405 Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MICRF405 Datasheet HTML 18Page - Micrel Semiconductor MICRF405 Datasheet HTML 19Page - Micrel Semiconductor MICRF405 Datasheet HTML 20Page - Micrel Semiconductor MICRF405 Datasheet HTML 21Page - Micrel Semiconductor MICRF405 Datasheet HTML 22Page - Micrel Semiconductor MICRF405 Datasheet HTML 23Page - Micrel Semiconductor MICRF405 Datasheet HTML 24Page - Micrel Semiconductor MICRF405 Datasheet HTML 25Page - Micrel Semiconductor MICRF405 Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Micrel
MICRF405
April 2006
22
M9999-041906
(408) 955-1690
VCO
Adr
Data
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0001011
LowBatt_en=1
Freq_Band1=0
Freq_Band0=1
VCO_freq2=0
VCO_freq1=1
VCO_freq0=1
Modulation1=1
Modulation0=0
0010110
INT_LF_TEST=0
VCO_IB2=0
VCO_IB1=0
VCO_IB0=0
VCO_by=0
OUTS2=0
OUTS1=0
OUTS0=0
0011000
VCO_freq_O2
VCO_freq_O1
VCO_freq_O0
VC_HI
VC_LO
LOW_BATT
The VCO has no external components. It oscillates
at 1.8 GHz and is divided by 2, 4 and 6 in the 900
MHz, 450 MHz or 315MHz band respectively. This
divide ratio is controlled by the Freq_Band[1:0] bits,
as shown in Table 12.
FreqBand1 FreqBand0
Comments
0
0
RF frequency 290-325 MHz
0
1
RF frequency 430-490 MHz
1
X
RF frequency 860-980 MHz
Table 12. Frequency Band.
The VCO_IB setting is automatically set when
VCO_IB[2:0]=0. If VCO_IB[2:0] are programmed <>
0, it will overrule the automatic setting. Default and
recommended
for
automatic
settings,
is
VCO_IB[2:0]=0 for all frequencies.
The bias bits will optimize the phase noise, and the
frequency bits will control a capacitor bank in the
VCO. The tuning range, the RF frequency versus
varactor voltage, is dependent upon the VCO
frequency setting, and is shown in Figure 10. When
the tuning voltage is in the range from 1.2 to 1.6V,
then the VCO gain is at its maximum, approximately
60-80 MHz/V. It is recommended that the varactor
voltage is kept within this range. Table 15 shows the
recommended settings of VCO_freq and FreqBand
for various frequencies.
To ensure correct settings over variations, a circuit
monitoring the varactor voltage on start up is added.
When the PLL has locked, or after a timeout has
occurred if it doesn’t lock, this circuit will control the
varactor voltage. This will be performed if either the
VCO_Fr_Chk
or
VCO_Fr_Auto
bit
is
set.
VCO_Fr_Chk set will set the interrupts VC_HI, in
case of a too high VCO_freq setting creating a too
high varactor voltage, and VC_LO, in case of a too
low VCO_freq setting creating a too low varactor
voltage. If the VCO_Fr_Auto bit is set, then the
transmitter will, if the varactor voltage is out of range,
change the programmed VCO_freq setting until the
voltage is within the range. A new setting will remain
active as long as power is on, VCO_Fr_Auto is set
and the programmed VCO_freq[2:0] bits are not
altered. The tuned VCO_freq setting of the
automatic tune circuit can be read out in the interrupt
register, VCO_Freq_O[2:0]. If both VCO_Fr_Chk
and VCO_Fr_Auto are set, each step is done by the
automatic tuning circuit that will be flagged with a
VC_LO or VC_HI interrupt. The limits of varactor
voltage used by this control circuit are between
350mV and 350mV below AVDD. The check is
performed
when
entering
TX
mode.
If
PA_LDc_en=1, the control will also be executed for
each programming creating an internal load pulse
(load_en=1) while staying in TX mode. This means
that when changing frequency, the MICRF405 will
check that the VCO_Freq[2:0] settings are correct
for the new frequency. Refer to Table 13 and Table
14 for further details.
The MICRF405 must be programmed with the
recommended settings for FreqBand and VCOfreq,
as given in Table 15, even if the VCO_Fr_Chk and
VCO_Fr_Auto are enabled. This is needed to give
the VCO the correct starting values.
The VCO can be bypassed by applying a differential
local oscillator (LO) signal to the device on pin
CPOUT and VARIN. A resistor of 18kΩ to ground
and a series capacitor of 47pF are needed on both
pins for proper biasing. The bit VCO_by must be set
to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com