Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF405 Datasheet(PDF) 29 Page - Micrel Semiconductor

Part # MICRF405
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405 Datasheet(HTML) 29 Page - Micrel Semiconductor

Back Button MICRF405 Datasheet HTML 25Page - Micrel Semiconductor MICRF405 Datasheet HTML 26Page - Micrel Semiconductor MICRF405 Datasheet HTML 27Page - Micrel Semiconductor MICRF405 Datasheet HTML 28Page - Micrel Semiconductor MICRF405 Datasheet HTML 29Page - Micrel Semiconductor MICRF405 Datasheet HTML 30Page - Micrel Semiconductor MICRF405 Datasheet HTML 31Page - Micrel Semiconductor MICRF405 Datasheet HTML 32Page - Micrel Semiconductor MICRF405 Datasheet HTML 33Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Micrel
MICRF405
April 2006
29
M9999-041906
(408) 955-1690
Ref
15 dBm
Att
50 dB
A
Center 915 MHz
Span 600 kHz
60 kHz/
* RBW 3 kHz
VBW 10 kHz
SWT 70 ms
1 PK
MAXH
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1
Marker 1 [T1 ]
-23.62 dBm
915.018000000 MHz
1
Delta 1 [T1 ]
4.58 dB
-90.000000000 kHz
D2 -19 dBm
D1 1 dBm
Date: 27.MAR.2006
17:23:27
Figure 14. 33kbps, PA=6, ASK=7, ASKshape=2 (Fphd=2MHz, 209kHz internal loop filter).
Spread Spectrum ASK™
is a combination of
traditional ASK combined with FSK dithering. This
modulation type goes under FCC part 15.247 digital
modulation allowing higher output power without
FHSS. The FSK dithering frequency, applied to the
ASK signal, is greater than the ASK data rate and
therefore, a traditional ASK/OOK receiver with
500kHz noise bandwidth can be used. FSK is
applied using divider modulation Modulation[1:0]=2,
due to the high loop filter bandwidth requirement of
the ASK modulation. The ASK_PN_en signal
controls whether the dithering is a “010101”-pattern,
ASK_PN_en=0, or a “111101011001000”-pattern,
ASK_PN_en=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com